Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4274CDS33R4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4274CDS33R4G
Description  400 mA Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274CDS33R4G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4274CDS33R4G Datasheet HTML 1Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 2Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 3Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 4Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 5Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 6Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 7Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 8Page - ON Semiconductor NCV4274CDS33R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCV4274C
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40
°C < TJ < 150°C; VI = 13.5 V unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
REGULATOR
Output Voltage (5.0 V Version)
VQ
5 mA < IQ < 400 mA
6 V < VI < 28 V
4.9
5.0
5.1
V
Output Voltage (5.0 V Version)
VQ
5 mA < IQ < 200 mA
6 V < VI < 40 V
4.9
5.0
5.1
V
Output Voltage (3.3 V Version)
VQ
5 mA < IQ < 400 mA
4.5 V < VI < 28 V
3.23
3.3
3.37
V
Output Voltage (3.3 V Version)
VQ
5 mA < IQ < 200 mA
4.5 V < VI < 40 V
3.23
3.3
3.37
V
Current Limit (All Versions)
IQ
VQ = 90% VQTYP
400
600
mA
Quiescent Current
Iq
IQ = 1 mA
VQ = 5.0 V
VQ = 3.3 V
IQ = 250 mA
VQ = 5.0 V
VQ = 3.3 V
IQ = 400 mA
VQ = 5.0 V
VQ = 3.3 V
125
125
5
5
10
10
250
250
15
15
35
35
mA
mA
mA
mA
mA
mA
Dropout Voltage
5.0 V Version
VDR
IQ = 250 mA,
VDR = VI − VQ
VI = 5.0 V
250
500
mV
Load Regulation (3.3 V and 5 V Versions)
DVQ
IQ = 5 mA to 400 mA
3
20
mV
Line Regulation (3.3 V and 5 V Versions)
DVQ
DVI = 12 V to 32 V
IQ = 5 mA
4
25
mV
Power Supply Ripple Rejection
PSRR
ƒr = 100 Hz,
Vr = 0.5 VPP
60
dB
Thermal Shutdown Temperature*
TSD
IQ = 5 mA
150
210
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*Guaranteed by design, not tested in production
Figure 2. Measuring Circuit
NCV4274C
Rload
VQ
CQ
10
mF
or
22
mF
C12
100 nF
C11
1.0
mF
VQ
IQ
Q
I
II
VI
VI
IGND
GND
13
2,4
Figure 3. Application Circuit
Output
CQ*
CI
100 nF
GND
NCV4274C
13
2,4
Input
VQ
VI
*CQ = 10 mF for VQ ≤ 3.3 V
CQ = 22 mF for VQ ≥ 5 V


Similar Part No. - NCV4274CDS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274 ONSEMI-NCV4274 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
NCV4274A ONSEMI-NCV4274A Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274A ONSEMI-NCV4274A Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274CDS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
logo
Texas Instruments
TPS73618-Q1 TI1-TPS73618-Q1 Datasheet
962Kb / 21P
[Old version datasheet]   Capacitance-Free NMOS 400-mA Low-Dropout Regulator
logo
ON Semiconductor
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com