Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP785AH50T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP785AH50T1G
Description  Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785AH50T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP785AH50T1G Datasheet HTML 2Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 3Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 4Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 5Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 6Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 7Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 8Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 9Page - ON Semiconductor NCP785AH50T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP785A
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 13. Quiescent Current vs. Input Voltage
INPUT VOLTAGE (V)
400
350
300
200
150
100
50
13
15
16
17
18
19
20
Figure 14. Quiescent Current vs. Input Voltage
Figure 15. Output Voltage vs. Output Current
INPUT VOLTAGE (V)
OUTPUT CURRENT (mA)
400
350
300
200
150
100
50
0
16
17
18
19
20
21
22
23
9
8
6
5
4
2
1
0
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
250
450
14
250
450
37
10
CIN = 2.2 mF
COUT = 22 mF
IOUT = 0
NCP785AH120T1G
TA = −40°C
TA = 25°C
TA = 85°C
CIN = 2.2 mF
COUT = 22 mF
IOUT = 0
NCP785AH150T1G
TA = −40°C
TA = 25°C
TA = 85°C
VIN = 250 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
TA = 25°C
NCP785AH33T1G
VIN = 150 V
VIN = 50 V
VIN = 25 V
Figure 16. Output Voltage vs. Output Current
OUTPUT CURRENT (mA)
9
7
6
5
4
2
1
0
4.95
5.00
5.05
5.10
5.15
38
10
VIN = 200 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
TA = 25°C
NCP785AH50T1G
VIN = 100 V
VIN = 50 V
Figure 17. Output Voltage vs. Output Current
Figure 18. Output Voltage vs. Output Current
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
9
7
6
5
4
2
1
0
11.89
11.91
11.94
11.96
11.99
10
8
6
4
2
0
14.80
14.85
14.90
14.95
15.00
15.05
15.10
38
10
VIN = 200 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
TA = 25°C
NCP785AH120T1G
VIN = 100 V
VIN = 55 V
VIN = 200 V
VIN = 300 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
TA = 25°C
NCP785AH150T1G
VIN = 100 V
VIN = 60 V
VIN = 350 V
11.90
11.92
11.93
11.95
11.97
11.98
VIN = 150 V
VIN = 300 V


Similar Part No. - NCP785AH50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785AH50T1G ONSEMI-NCP785AH50T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com