Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30FD-SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC30FD-SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD-SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC30FD-SPBF_15 Datasheet HTML 1Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 2Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 3Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 4Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 5Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 6Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 7Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 8Page - International Rectifier IRG4BC30FD-SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRG4BC30FD-SPbF
01/27/10
www.irf.com
1
VCES=600V
VCE(on) typ. = 1.59V
@VGE = 15V, IC = 17A
E
G
n-channel
C
Fast CoPack IGBT
INSULATED GATE BIPOLAR TRANSISTOR WITH
HYPERFAST DIODE
Features
• Fast: optimized for medium operating frequencies
(1-5 kHz in hard switching, >20kHz in resonant mode).
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3.
• IGBT co-packaged with HEXFREDTM ultrafast, ultra-soft
recovery anti-parallel diodes for use in bridge configurations.
• Lead-Free
Benefits
• Generation 4 IGBT's offer highest efficiency available.
• IGBT's optimized for specific application conditions.
• HEXFRED diodes optimized for performance with IGBT's.
Minimized recovery characteristics require less/no
snubbing.
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBT's.
D2Pak
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
31
IC @ TC = 100°C Continuous Collector Current
17
A
ICM
Pulse Collector Current (Ref.Fig.C.T.5)
c
124
ILM
Clamped Inductive Load current
d
124
IF @ TC = 100°C Diode Continuous Forward Current
12
IFM
Diode Maximum Forward Current
120
VGE
Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
100
W
PD @ TC = 100°C Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
°C
TSTG
Storage Temperature Range
Thermal / Mechanical Characteristics
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case- IGBT
–––
–––
1.2
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient (PCB Mounted,steady state)
g
–––
–––
40
Wt
Weight
–––
2.0 (0.07)
–––
g (oz.)
PD - 95970A


Similar Part No. - IRG4BC30FD-SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF Datasheet
1Mb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
More results

Similar Description - IRG4BC30FD-SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD1 IRF-IRG4BC30FD1 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF_15 Datasheet
415Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-S IRF-IRG4BC30FD-S Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF Datasheet
1Mb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4PSH71UD IRF-IRG4PSH71UD Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
logo
Motorola, Inc
MGY20N120D MOTOROLA-MGY20N120D Datasheet
254Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGY20N120D ONSEMI-MGY20N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 1
logo
Motorola, Inc
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com