Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30FD1PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC30FD1PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD1PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4BC30FD1PBF Datasheet HTML 2Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 3Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 4Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 5Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 6Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 7Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 8Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 9Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRG4BC30FD1PbF
www.irf.com
9
Vg GATE SIGNAL
DEVICE UNDER TEST
CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
6000µF
100V
Fig. 19 - Clamped Inductive Load Test Circuit
Fig. 20 - Pulsed Collector Current
Test Circuit
Fig.18e - Macro Waveforms for Figure 18a's Test Circuit
0 - VCC
RL
ICM
VCC
=
480µF
Pulsed Collector Current
Test Circuit


Similar Part No. - IRG4BC30FD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF Datasheet
421Kb / 11P
   Fast CoPack IGBT
More results

Similar Description - IRG4BC30FD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD1 IRF-IRG4BC30FD1 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-S IRF-IRG4BC30FD-S Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF Datasheet
1Mb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4PSH71UD IRF-IRG4PSH71UD Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
logo
Motorola, Inc
MGY20N120D MOTOROLA-MGY20N120D Datasheet
254Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGY20N120D ONSEMI-MGY20N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 1
logo
Motorola, Inc
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com