Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP500 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP500
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP500_15 Datasheet HTML 3Page - ON Semiconductor NCP500_15 Datasheet HTML 4Page - ON Semiconductor NCP500_15 Datasheet HTML 5Page - ON Semiconductor NCP500_15 Datasheet HTML 6Page - ON Semiconductor NCP500_15 Datasheet HTML 7Page - ON Semiconductor NCP500_15 Datasheet HTML 8Page - ON Semiconductor NCP500_15 Datasheet HTML 9Page - ON Semiconductor NCP500_15 Datasheet HTML 10Page - ON Semiconductor NCP500_15 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP500, NCV500
www.onsemi.com
7
230
190
250
170
210
150
270
290
310
330
350
160
−50
30
60
50
20
50
75
25
0
100
Temperature (
°C)
10
40
0
−25
Temperature (
°C)
Figure 2. Dropout Voltage vs. Temperature
Figure 3. Dropout Voltage vs. Temperature
−50
80
70
60
50
50
25
0
40
30
20
10
0
−25
75
100
125
Figure 4. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 5. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 6. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 7. Dropout Voltage vs. Temperature
Temperature (
°C)
Vout(nom.) = 3.3 V
70
125
−50
120
100
60
80
50
25
0
40
20
0
−25
75
100
125
−50
50
75
25
0
100
−25
125
160
120
180
100
140
80
200
−50
50
75
25
0
100
−25
125
120
180
100
140
80
200
220
−50
50
75
25
0
100
−25
125
Vout(nom.) = 2.8 V
Vout(nom.) = 1.8 V
Vout(nom.) = 3.3 V
Vout(nom.) = 2.8 V
Vout(nom.) = 1.8 V
50 mA Load
10 mA Load
1.0 mA Load
150 mA Load
120 mA Load
100 mA Load
150 mA Load
120 mA Load
100 mA Load
150 mA Load
120 mA Load
100 mA Load
50 mA Load
10 mA Load
1.0 mA Load
50 mA Load
10 mA Load
1.0 mA Load


Similar Part No. - NCP500_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5005SNT1G ONSEMI-NCP5005SNT1G Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5005SNT1G ONSEMI-NCP5005SNT1G Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
More results

Similar Description - NCP500_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com