Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP176BMX100TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP176BMX100TCG
Description  Fast Transient Response Low Voltage 500 mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP176BMX100TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP176BMX100TCG Datasheet HTML 3Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 4Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 5Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 6Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 7Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 8Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 9Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 10Page - ON Semiconductor NCP176BMX100TCG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP176
www.onsemi.com
8
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 1 V (VOUT−NOM > 1.5 V) or VIN = 2.5 V (VOUT−NOM ≤ 1.5 V), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 25. Turn−ON/OFF − EN driven
Figure 26. Line Transient Response
100
ms/div
20
ms/div
Figure 27. Line Transient Response
Figure 28. Load Transient Response
20
ms/div
10
ms/div
Figure 29. Load Transient Response
Figure 30.
qJA and PD(MAX) vs. Copper Area
10
ms/div
PCB COPPER AREA (mm2)
600
500
400
300
200
100
0
60
80
100
120
140
180
200
220
160
0
0.2
0.4
0.6
0.8
1.2
1.6
1.0
VOUT−NOM = 3.3 V
IIN
VIN
VOUT
VEN
VOUT−NOM = 1.2 V
VIN
VOUT
3.3 V
2.3 V
1.2 V
tR = tF = 1 ms
VOUT−NOM = 3.3 V
VIN
VOUT
4.8 V
3.8 V
3.3 V
tR = tF = 1 ms
VOUT−NOM = 1.2 V
VIN = 2.2 V
VIN
VOUT
500 mA
1.2 V
tR = tF = 1 ms
IOUT
1 mA
VOUT−NOM = 3.3 V
VIN = 4.3 V
VIN
VOUT
500 mA
1.2 V
tR = tF = 1 ms
IOUT
1 mA
PD(MAX), 2 oz Cu
PD(MAX), 1 oz Cu
qJA, 1 oz Cu
qJA, 2 oz Cu
1.4


Similar Part No. - NCP176BMX100TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX135TCG ONSEMI-NCP170AMX135TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP176BMX100TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com