Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP176AMX330TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP176AMX330TCG
Description  Fast Transient Response Low Voltage 500 mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP176AMX330TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP176AMX330TCG Datasheet HTML 3Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 4Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 5Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 6Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 7Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 8Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 9Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 10Page - ON Semiconductor NCP176AMX330TCG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCP176
www.onsemi.com
10
The power dissipated by the LDO for given application
conditions can be calculated by the next equation:
P
D + VIN @ IGND ) VIN * VOUT @ IOUT [W]
(eq. 2)
Where IGND is the LDO’s ground current, dependent on
the output load current.
Connecting the exposed pad and
N/C pin to a large ground
planes helps to dissipate the heat from the chip.
The relation of
θJA and PD(MAX) to PCB copper area and
Cu layer thickness could be seen on the Figure 30.
Reverse Current
The PMOS pass transistor has an inherent body diode
which will be forward biased in the case when VOUT > VIN.
Due to this fact in cases, where the extended reverse current
condition can be anticipated the device may require
additional external protection.
Power Supply Rejection Ratio
The LDO features very high power supply rejection ratio.
The PSRR at higher frequencies (in the range above
100 kHz) can be tuned by the selection of COUT capacitor
and proper PCB layout. A simple LC filter could be added
to the LDO’s IN pin for further PSRR improvement.
Enable Turn−On Time
The enable turn−on time is defined as the time from EN
assertion to the point in which VOUT will reach 98% of its
nominal value. This time is dependent on various
application conditions such as VOUT−NOM, COUT and TA.
PCB Layout Recommendations
To obtain good transient performance and good regulation
characteristics place CIN and COUT capacitors as close as
possible to the device pins and make the PCB traces wide.
In order to minimize the solution size, use 0402 or 0201
capacitors size with appropriate effective capacitance.
Larger copper area connected to the pins will also improve
the device thermal resistance. The actual power dissipation
can be calculated from the equation above (Power
Dissipation section). Exposed pad and N/C pin should be
tied to the ground plane for good power dissipation.
ORDERING INFORMATION TABLE
Part Number
Voltage Option
Marking
Option
Package
Shipping
NCP176AMX100TCG
1.0 V
AA
With output discharge
XDFN6
(Pb−Free)
3000 / Tape & Reel
NCP176AMX120TCG
1.2 V
AE
NCP176AMX180TCG
1.8 V
AF
NCP176AMX300TCG
3.0 V
AC
NCP176AMX330TCG
3.3 V
AD
NCP176BMX100TCG
1.0 V
DA
Without output discharge
NCP176BMX120TCG
1.2 V
DE
NCP176BMX180TCG
1.8 V
DF
NCP176BMX300TCG
3.0 V
DC
NCP176BMX330TCG
3.3 V
DD
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP176AMX330TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX135TCG ONSEMI-NCP170AMX135TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP176AMX330TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com