Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP176AMX300TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP176AMX300TCG
Description  Fast Transient Response Low Voltage 500 mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP176AMX300TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP176AMX300TCG Datasheet HTML 1Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 2Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 3Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 4Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 5Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 6Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 7Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 8Page - ON Semiconductor NCP176AMX300TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP176
www.onsemi.com
4
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 1 V (VOUT−NOM > 1.5 V) or VIN = 2.5 V (VOUT−NOM ≤ 1.5 V), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 3. Output Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
1.145
1.155
1.165
1.195
1.205
1.225
1.235
1.255
80
60
40
20
0
−20
−40
1.773
1.779
1.791
1.797
1.803
1.827
Figure 5. Output Voltage vs. Temperature
Figure 6. Line Regulation vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.25
3.26
3.28
3.29
3.30
3.34
3.35
80
60
40
20
0
−20
−40
−0.10
−0.08
−0.04
−0.02
0
0.02
0.04
0.10
1.175
1.185
1.215
1.245
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
1.785
1.809
1.815
1.821
3.27
3.31
3.32
3.33
VOUT−NOM = 3.3 V
−0.06
0.06
0.08
VIN = VOUT−NOM + 0.5 V to 5.25 V, VIN ≥ 1.4 V
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
Figure 7. Load Regulation vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
−5
−4
−2
−1
0
1
4
5
−3
2
3
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
IOUT = 1 mA to 500 mA


Similar Part No. - NCP176AMX300TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170AMX120TCG ONSEMI-NCP170AMX120TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP170AMX135TCG ONSEMI-NCP170AMX135TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP176AMX300TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com