Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP170BXV150T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP170BXV150T2G
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP170BXV150T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP170BXV150T2G Datasheet HTML 1Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 2Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 3Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 4Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 5Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 6Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 7Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 8Page - ON Semiconductor NCP170BXV150T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP170
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
XDFN4
Pin No.
SOT−563
Pin Name
Description
4
1
IN
Power Supply Input Voltage
2
2
GND
Power Supply Ground
3
6
EN
Chip Enable Pin (Active “H”)
1
3
OUT
Output Pin
EPAD
EPAD
Internally Connected to GND
4
NC
No Connect
5
GND
Power Supply Ground
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VIN
Input Voltage (Note 1)
6.0
V
VOUT
Output Voltage
−0.3 to VIN + 0.3
V
VCE
Chip Enable Input
−0.3 to 6.0
V
TJ(MAX)
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
−55 to 150
°C
ESDHBM
ESD Capability, Human Body Model (Note 2)
2000
V
ESDMM
ESD Capability, Machine Model (Note 2)
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC-Q100-002 (EIA/JESD22-A114)
ESD Machine Model tested per AEC-Q100-003 (EIA/JESD22-A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78
THERMAL CHARACTERISTICS
Symbol
Rating
Value
Unit
RqJA
Thermal Characteristics, Thermal Resistance, Junction-to-Air
XDFN4 1
× 1mm
SOT−563
250
200
°C/W
Figure 2. Simplified Block Diagram


Similar Part No. - NCP170BXV150T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170BXV150T2G ONSEMI-NCP170BXV150T2G Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP170BXV150T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com