Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP170BMX190TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP170BMX190TCG
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP170BMX190TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP170BMX190TCG Datasheet HTML 6Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 7Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 8Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 9Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 10Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 11Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 12Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 13Page - ON Semiconductor NCP170BMX190TCG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP170
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 5. Output Voltage vs. Temperature,
Vout = 3.0 V
Figure 6. Output Voltage vs. Temperature,
Vout = 3.6 V
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
2.984
2.988
2.992
2.996
3.000
3.004
3.008
80
60
40
20
0
−20
−40
3.580
3.584
3.588
3.592
3.596
3.600
3.604
Figure 7. Output Voltage vs. Output Current,
Vout = 1.2 V
Figure 8. Output Voltage vs. Output Current,
Vout = 1.8 V
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
140
120
100
80
60
40
20
0
1.194
1.195
1.196
1.197
1.198
1.199
1.200
140
120
100
80
60
40
20
0
1.790
1.792
1.794
1.796
1.798
1.800
1.802
Figure 9. Output Voltage vs. Output Current,
Vout = 3.0 V
Figure 10. Output Voltage vs. Output Current,
Vout = 3.6 V
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
140
120
100
80
60
40
20
0
2.996
2.997
2.998
2.999
3.000
3.001
3.002
140
120
100
80
60
40
20
0
3.593
3.594
3.595
3.596
3.597
3.598
3.599
Vin = 5.5 V
Vin = 5.0 V
Vin = 3.3 − 4.5 V
NCP170xxx300TyG
Cin = Cout = 1
mF
Iout = 1 mA
Vin = 5.5 V
Vin = 5.0 V
NCP170xxx360TyG
Cin = Cout = 1
mF
Iout = 1 mA
Vin = 3.8 − 4.5 V
Vin = 5.5 V
Vin = 4.0 V
NCP170xxx120TyG
Cin = Cout = 1
mF
TA = 25°C
Vin = 3.0 V
Vin = 2.5 V
Vin = 5.5 V
Vin = 4.5 V
NCP170xxx180TyG
Cin = Cout = 1
mF
TA = 25°C
Vin = 4.0 V
Vin = 2.8 V
Vin = 5.5 V
Vin = 5.0 V
NCP170xxx300TyG
Cin = Cout = 1
mF
TA = 25°C
Vin = 4.5 V
Vin = 4.0 V
Vin = 5.5 V
Vin = 5.0 V
NCP170xxx360TyG
Cin = Cout = 1
mF
TA = 25°C
Vin = 4.6 V
Vin = 4.3 V


Similar Part No. - NCP170BMX190TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170BMX190TCG ONSEMI-NCP170BMX190TCG Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP170BMX190TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com