Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP161BFCS330T2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP161BFCS330T2G
Description  450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP161BFCS330T2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP161BFCS330T2G Datasheet HTML 5Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 6Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 7Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 8Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 9Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 10Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 11Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 12Page - ON Semiconductor NCP161BFCS330T2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCP161
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 31. Power Supply Rejection Ratio,
VOUT = 1.8 V
Figure 32. Power Supply Rejection Ratio,
VOUT = 3.3 V
FREQUENCY (kHz)
FREQUENCY (kHz)
10k
1k
100
10
1
0.1
0.01
0
20
40
60
80
100
120
10k
1k
100
10
1
0.1
0.01
0
20
40
60
80
100
120
Figure 33. Power Supply Rejection Ratio,
VOUT = 5.14 V
Figure 34. Stability vs. ESR
FREQUENCY (kHz)
IOUT, OUTPUT CURRENT (mA)
10k
1k
100
10
1
0.1
0.01
0
10
30
40
50
70
80
300
250
200
150
100
50
0
0.1
1
10
100
Figure 35. Enable Turn−on Response −
COUT = 1 mF, IOUT = 10 mA
Figure 36. Enable Turn−on Response −
COUT = 1 mF, IOUT = 250 mA
100
ms/div
100
ms/div
VIN = 2.5 V
VOUT = 1.8 V
COUT = 1 mF
IOUT = 10 mA
IOUT = 250 mA
IOUT = 20 mA
IOUT = 100 mA
VIN = 3.6 V
VOUT = 3.3 V
COUT = 1 mF
IOUT = 10 mA
IOUT = 250 mA
IOUT = 100 mA
IOUT = 20 mA
VIN = 5.5 V
VOUT = 5.14 V
COUT = 1 mF
IOUT = 20 mA
IOUT = 250 mA
IOUT = 10 mA
IOUT = 100 mA
20
60
90
Unstable Operation
Stable Operation
VIN = 2.8 V, VOUT = 1.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VEN
IINPUT
VOUT
VIN = 2.8 V, VOUT = 1.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VEN
IINPUT
VOUT
IOUT = 450 mA
IOUT = 450 mA
IOUT = 450 mA
500
450
400
350


Similar Part No. - NCP161BFCS330T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161BFCS330T2G ONSEMI-NCP161BFCS330T2G Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
More results

Similar Description - NCP161BFCS330T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com