Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP160AFCT180T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP160AFCT180T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP160AFCT180T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP160AFCT180T2G Datasheet HTML 7Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 8Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 9Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 10Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 11Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 12Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 13Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 14Page - ON Semiconductor NCP160AFCT180T2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCP160
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 40. Line Transient Response −
VOUT = 1.8 V
Figure 41. Line Transient Response −
VOUT = 3.3 V
20
ms/div
20
ms/div
Figure 42. Line Transient Response −
VOUT = 5.14 V
Figure 43. Turn−on/off − Slow Rising VIN
20
ms/div
4 ms/div
Figure 44. Load Transient Response −
1 mA to 250 mA − VOUT = 1.8 V
Figure 45. Load Transient Response −
250 mA to 1 mA − VOUT = 1.8 V
4
ms/div
20
ms/div
VOUT = 1.8 V, IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VIN
3.3 V
VOUT
2.3 V
VOUT = 3.3 V, IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
4.8 V
3.8 V
VOUT = 5.14 V, IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VIN
5.5 V
VOUT
5.3 V
VOUT = 2.8 V, CIN = 1 mF (MLCC),
IOUT = 10 mA, COUT = 1 mF (MLCC)
VIN
VOUT
VIN = 2.8 V, VOUT = 1.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tRISE = 1 ms
VIN = 2.8 V, VOUT = 1.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tFALL = 1 ms
VIN
VOUT


Similar Part No. - NCP160AFCT180T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
   High Voltage PFC Controller
July, 2006 ??Rev. 2
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1601A ONSEMI-NCP1601A Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
NCP1601ADR2 ONSEMI-NCP1601ADR2 Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
More results

Similar Description - NCP160AFCT180T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com