Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114BMX160TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP114BMX160TCG
Description  300 mA CMOS Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX160TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP114BMX160TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX160TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP121
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 85°C; VBIAS = 2.7 V or (VOUT + 1.6 V), whichever is greater, VIN = VOUT(NOM) + 0.3 V, IOUT = 1 mA, VEN = 1 V, unless
otherwise noted. CIN = 1 mF, CBIAS = 0.1 mF, COUT = 1 mF (effective capacitance) (Note 3). Typical values are at TJ = +25°C. Min/Max
values are for −40
°C ≤ TJ ≤ 85°C unless otherwise noted. (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input
Voltage Range
VIN
VOUT+VDO
5.5
V
Operating Bias Voltage
Range
VBIAS
(VOUT+1.35)
≥2.4
5.5
V
Undervoltage Lock−out VBIAS Rising
Hysteresis
UVLO
1.6
0.2
V
Output Voltage
Accuracy
−40
°C ≤ TJ ≤ 85°C, VOUT(NOM) + 0.3 V ≤ VIN
5.0 V, 2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V, 1 mA < IOUT < 150 mA
VOUT
−1.0
+1.0
%
Output Voltage
Accuracy
VOUT
±0.2
%
VIN Line Regulation
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V
LineReg
0.01
%/V
VBIAS Line Regulation
2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V
LineReg
0.01
%/V
Load Regulation
IOUT = 1 mA to 150 mA
LoadReg
1.5
mV
VIN Dropout Voltage
IOUT = 150 mA (Note 5)
VDO
37
75
mV
VBIAS Dropout Voltage
IOUT = 150 mA, VIN = VBIAS (Note 5)
VDO
1.1
1.4
V
Output Current Limit
VOUT = 90% VOUT(NOM)
ICL
200
330
600
mA
Bias Pin Operating
Current
VBIAS = 2.7 V
IBIAS
80
110
mA
Bias Pin Disable
Current
VEN ≤ 0.4 V
IBIAS(DIS)
0.5
1
mA
Vinput Pin Disable
Current
VEN ≤ 0.4 V
IVIN(DIS)
0.5
1
mA
EN Pin Threshold
Voltage
EN Input Voltage “H”
VEN(H)
0.9
V
EN Input Voltage “L”
VEN(L)
0.4
EN Pull Down Current
VEN = 5.5 V
IEN
0.3
1.0
mA
Turn−On Time
COUT = 1 mF, From assertion of VEN to
VOUT = 98% VOUT(NOM), VOUT(NOM) = 1.05 V
tON
150
ms
Power Supply
Rejection Ratio
VIN to VOUT, f = 1 kHz, IOUT = 150 mA,
VIN
≥ VOUT +0.5 V
PSRR(VIN)
70
dB
VBIAS to VOUT, f = 1 kHz, IOUT = 150 mA,
VIN
≥ VOUT +0.5 V
PSRR(VBIAS)
80
dB
Output Noise Voltage
VIN = VOUT +0.5 V, VOUT(NOM) = 1.05 V,
f = 10 Hz to 100 kHz
VN
40
mVRMS
Thermal Shutdown
Threshold
Temperature increasing
160
°C
Temperature decreasing
140
Output Discharge
Pull−Down
VEN ≤ 0.4 V, VOUT = 0.5 V,
NCP121A options only
RDISCH
150
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Effective capacitance, including the effect of DC bias, tolerance and temperature. See the Application Information section for more
information.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TA = 25°C.
Low duty cycle pulse techniques are used during the testing to maintain the junction temperature as close to ambient as possible.
5. Dropout voltage is characterized when VOUT falls 3% below VOUT(NOM).


Similar Part No. - NCP114BMX160TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX160TCG ONSEMI-NCP114BMX160TCG Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
More results

Similar Description - NCP114BMX160TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com