Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114BMX150TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP114BMX150TCG
Description  300 mA CMOS Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX150TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP114BMX150TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX150TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP121
www.onsemi.com
5
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 2.7 V, VEN = VBIAS, VOUT(NOM) = 1.05 V, IOUT = 150 mA,
CIN = 1 mF, CBIAS = 0.1 mF, and COUT = 1 mF (effective capacitance), unless otherwise noted.
Figure 4. VIN Dropout Voltage vs. IOUT and
Temperature TJ
Figure 5. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
IOUT, OUTPUT CURRENT (mA)
VBIAS − VOUT (V)
100
0
0
10
20
30
40
50
60
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
40
80
100
+125
°C
+25
°C
−40
°C
4.5
60
120
+125
°C
+25
°C
−40
°C
IOUT = 150 mA
Figure 6. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
Figure 7. BIAS Pin Current vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
100
0
800
900
1000
1100
1200
1300
1400
Figure 8. BIAS Pin Current vs. VBIAS and
Temperature TJ
Figure 9. Current Limit vs. (VBIAS − VOUT)
IOUT, OUTPUT CURRENT (mA)
VBIAS (V)
100
0
0
20
60
80
120
140
5.0
4.5
4.0
5.5
3.5
3.0
2.5
2.0
0
20
60
80
100
140
180
200
+125
°C
+25
°C
−40
°C
40
100
+125
°C
+85
°C
−40
°C
40
120
160
+85
°C
150
50
+85
°C
150
50
+85
°C
+25
°C
150
50
+125
°C
+85
°C
−40
°C
+25
°C
VBIAS − VOUT (V)
4.5
4.0
3.0
2.5
1.5
1.0
0.5
0
0
100
300
400
500
+125
°C
+25
°C
−40
°C
2.0
3.5
5.0
200
600
+85
°C
160
180
140
200


Similar Part No. - NCP114BMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX150TCG ONSEMI-NCP114BMX150TCG Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
NCP114BMX150TCG ONSEMI-NCP114BMX150TCG Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114BMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com