Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFTS9342PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFTS9342PBF
Description  Industry-Standard TSOP-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFTS9342PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFTS9342PBF Datasheet HTML 1Page - International Rectifier IRFTS9342PBF Datasheet HTML 2Page - International Rectifier IRFTS9342PBF Datasheet HTML 3Page - International Rectifier IRFTS9342PBF Datasheet HTML 4Page - International Rectifier IRFTS9342PBF Datasheet HTML 5Page - International Rectifier IRFTS9342PBF Datasheet HTML 6Page - International Rectifier IRFTS9342PBF Datasheet HTML 7Page - International Rectifier IRFTS9342PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFTS9342PbF
2
www.irf.com
G
D
S
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ When mounted on 1 inch square copper board.
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
62.5
°C/W
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
19
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
32
40
–––
53
66
VGS(th)
Gate Threshold Voltage
-1.3
–––
-2.4
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-5.5
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
6.8
–––
–––
S
Qg
Total Gate Charge
–––
12
–––
Qgs
Gate-to-Source Charge
–––
1.8
–––
Qgd
Gate-to-Drain Charge
–––
3.1
–––
RG
Gate Resistance
–––
17
–––
Ω
td(on)
Turn-On Delay Time
–––
4.6
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
45
–––
tf
Fall Time
–––
28
–––
Ciss
Input Capacitance
–––
595
–––
Coss
Output Capacitance
–––
133
–––
Crss
Reverse Transfer Capacitance
–––
85
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
11
17
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = -25μA
VGS = -4.5V, ID = -4.6A e
m
Ω
VDD = -15V, VGS = -10V
VDS = -15V
RG = 6.8
Ω
VDS = -10V, ID = -4.6A
VDS = -24V, VGS = 0V, TJ = 125°C
μA
ID = -4.6A
ID = -4.6A
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
TJ = 25°C, IF = -4.6A, VDD = -24V
di/dt = 100A/μs
TJ = 25°C, IS = -4.6A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
ƒ = 1.0KHz
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -5.8A e
–––
–––
-46
–––
–––
-2.0
MOSFET symbol
nA
ns
A
pF
nC
VGS = -10V
VGS = -20V
VGS = 20V


Similar Part No. - IRFTS9342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
More results

Similar Description - IRFTS9342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF_15 Datasheet
549Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout TSOP-6 Package
logo
KEC(Korea Electronics)
KMA2D8P20X KEC-KMA2D8P20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA2D7DP20X KEC-KMA2D7DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA6D0P20X KEC-KMA6D0P20X Datasheet
15Kb / 1P
   TSOP-6 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com