Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103AMX110TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP103AMX110TCG
Description  150 mA CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103AMX110TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP103AMX110TCG Datasheet HTML 3Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 4Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 5Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 6Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 7Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 8Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 9Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 10Page - ON Semiconductor NCP103AMX110TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP103
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 20. Output Voltage Noise Spectral Density for VOUT = 1.2 V, COUT = 1 mF
FREQUENCY (kHz)
1000
10
1
0.1
0.01
10000
Figure 21. Output Voltage Noise Spectral Density for VOUT = 2.8 V, COUT = 1 mF
Figure 22. Output Voltage Noise Spectral Density for VOUT = 2.8 V, COUT = 4.7 mF
VIN = 2.5 V
VOUT = 1.2 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
1 mA
60.93
59.11
10 mA
52.73
50.63
150 mA
51.20
48.96
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
FREQUENCY (kHz)
10000
FREQUENCY (kHz)
100
1000
10
1
0.1
0.01
100
1000
10
1
0.1
0.01
100
IOUT = 1 mA
IOUT = 150 mA
1000
100
10
1
1 mA
79.23
74.66
10 mA
75.03
70.37
150 mA
77.28
72.66
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
1000
100
10
1
IOUT = 10 mA
IOUT = 1 mA
IOUT = 150 mA
1 mA
80.17
75.29
10 mA
81.28
76.46
150 mA
81.31
76.77
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
IOUT = 10 mA
IOUT = 1 mA
IOUT = 150 mA
10000
1000
100
10
1
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 4.7 mF


Similar Part No. - NCP103AMX110TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103AMX110TCG ONSEMI-NCP103AMX110TCG Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
NCP103AMX110TCG ONSEMI-NCP103AMX110TCG Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
More results

Similar Description - NCP103AMX110TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com