Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMH15_PUMH15 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PEMH15_PUMH15
Description  NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH15_PUMH15 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PEMH15_PUMH15_15 Datasheet HTML 4Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 5Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 6Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 7Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 8Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 9Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 10Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 11Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PEMH15_PUMH15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 16 December 2011
8 of 14
NXP Semiconductors
PEMH15; PUMH15
NPN/NPN resistor-equipped transistors; R1 = 4.7 k
, R2 = 4.7 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
f=1MHz; Tamb =25 CVCE =5V; Tamb =25 C
Fig 8.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 9.
Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
050
40
20
30
10
006aac835
1
2
3
Cc
(pF)
0
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10
Fig 10. Package outline PEMH15 (SOT666)
Fig 11. Package outline PUMH15 (SOT363)
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65


Similar Part No. - PEMH15_PUMH15_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PEMH15 NEXPERIA-PEMH15 Datasheet
916Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
More results

Similar Description - PEMH15_PUMH15_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
logo
NXP Semiconductors
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
logo
Nexperia B.V. All right...
PDTC143Z_SER NEXPERIA-PDTC143Z_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com