Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMH10_PUMH10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMH10_PUMH10
Description  NPN/NPN resistor-equipped transistors R1 = 2.2 k?? R2 = 47k?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH10_PUMH10 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMH10_PUMH10_15 Datasheet HTML 1Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 2Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 3Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 4Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 5Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 6Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 7Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 8Page - NXP Semiconductors PEMH10_PUMH10_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PEMH10_PUMH10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 20 December 2011
2 of 15
NXP Semiconductors
PEMH10; PUMH10
NPN/NPN resistor-equipped transistors; R1 = 2.2 k
, R2 = 47k
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
65
4
1
23
R2
TR1
TR2
R1
R2
R1
sym063
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMH10
-
plastic surface-mounted package; 6 leads
SOT666
PUMH10
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code[1]
PEMH10
10
PUMH10
H*0


Similar Part No. - PEMH10_PUMH10_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PEMH10 PHILIPS-PEMH10 Datasheet
54Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2003 Oct 20
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
PEMH10 NEXPERIA-PEMH10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
More results

Similar Description - PEMH10_PUMH10_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
logo
NXP Semiconductors
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
logo
Nexperia B.V. All right...
PEMD10 NEXPERIA-PEMD10_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 6 - 4 January 2012
logo
NXP Semiconductors
PEMD10_PUMD10 PHILIPS-PEMD10_PUMD10_15 Datasheet
928Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k?? R2 = 47 k?
Rev. 6-4 January 2012
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com