Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6067 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6067
Description  Double Pole Double Throw Relay Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6067 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6067 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6067 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6067 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6067 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6067 is a DOUBLE POLE DOUBLE THROW RF COAXIAL RELAY SWITCH that operates from DC TO 18 GHz. The
Switch has a 28 VDC LATCHING ACTUATOR, INDICATOR AND SELF CUT-OFF. The Switch has SMA RF CONNECTORS
and operates from -40 Deg C to +85 Deg C.
Features
• Double Pole Double Throw Relay Switch
• DC to 18 GHz Frequency Range
• 2.5M Operating Life
• 100 Watt Avg Power Min
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
Applications
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Actuator
Indicators, Latching, Normally Open
Actuating Current
125 mA
Control Voltage
28 Volts / Negative Common
Indicator Rating
1 Watts / 30 Volts / 100 mA
Self Cut-Off Time
40 ms < CT < 120 ms
TTL Inputs (E): - High Level
2.2 to 5.5 Volts / 0.8 mA at 5.5 Volts
- Low Level
0 to 0.8 Volts / 0.02 mA at 0.8 Volts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 3
3 to 8
8 to 12.4
12.4 to 18
GHz
VSWR
1.2:1
1.3:1
1.4:1
1.5:1
Insertion Loss
0.2
0.3
0.4
0.5
dB
Isolation
80
70
65
60
dB
Average Power @25 °C
240
150
120
100
Watts
.
Mechanical Specifications
Connector Type
SMA Female
Operating Life
2,500,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
<15 ms Typ
Construction
Splashproof
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Transfer Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control,
30V Indicator with Indicators, Latching, Normally Open PE71S6067
PE71S6067
PE71S6067 REV 1.0
Transfer Electromechanical Relay Switch DC to
18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator
with Indicators, Latching, Normally Open


Similar Part No. - PE71S6067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6060 PASTERNACK-PE71S6060 Datasheet
387Kb / 4P
   Single Pole Three Throw Terminated Relay Switch
PE71S6061 PASTERNACK-PE71S6061 Datasheet
395Kb / 4P
   Transfer Terminated Electromechanical Relay
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
   Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
PE71S6063 PASTERNACK-PE71S6063 Datasheet
393Kb / 4P
   Double Pole Three Throw Terminated Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
More results

Similar Description - PE71S6067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6056 PASTERNACK-PE71S6056 Datasheet
394Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6052 PASTERNACK-PE71S6052 Datasheet
382Kb / 4P
   Single Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com