Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMD20_PUMD20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMD20_PUMD20
Description  NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD20_PUMD20 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMD20_PUMD20_15 Datasheet HTML 1Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 2Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 3Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 4Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 5Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 6Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 7Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 8Page - NXP Semiconductors PEMD20_PUMD20_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9397 750 14419
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2005
5 of 10
Philips Semiconductors
PEMD20; PUMD20
NPN/PNP resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 1.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 2.
TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
VCE = 0.3 V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
VCE =5V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 3.
TR1 (NPN): On-state input voltage as a function
of collector current; typical values
Fig 4.
TR1 (NPN): Off-state input voltage as a function
of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa015
102
10
103
hFE
1
(3)
(2)
(1)
IC (mA)
1102
10
006aaa014
102
103
VCEsat
(mV)
10
(1)
(3)
(2)
IC (mA)
10−1
102
10
1
006aaa016
10
1
102
VI(on)
(V)
10−1
(1)
(3)
(2)
006aaa017
IC (mA)
10−2
10
1
10−1
1
10
VI(off)
(V)
10−1
(1)
(2)
(3)


Similar Part No. - PEMD20_PUMD20_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
More results

Similar Description - PEMD20_PUMD20_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
logo
NXP Semiconductors
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMB20_PUMB20 PHILIPS-PEMB20_PUMB20_15 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
logo
Nexperia B.V. All right...
PDTA123Y_SER NEXPERIA-PDTA123Y_SER Datasheet
237Kb / 19P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com