Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMD15_PUMD15 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PEMD15_PUMD15
Description  NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD15_PUMD15 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PEMD15_PUMD15_15 Datasheet HTML 6Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 7Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 8Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 9Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 10Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 11Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 12Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 13Page - NXP Semiconductors PEMD15_PUMD15_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PEMD15_PUMD15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 19 December 2011
10 of 16
NXP Semiconductors
PEMD15; PUMD15
NPN/PNP resistor-equipped transistors; R1 = 4.7 k
, R2 = 4.7 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 16. Package outline PEMD15 (SOT666)
Fig 17. Package outline PUMD15 (SOT363)
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number
Package Description
Packing quantity
3000
4000
8000
10000
PEMD15
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMD15
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2]
-115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3]
-125
-
-
-165


Similar Part No. - PEMD15_PUMD15_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
More results

Similar Description - PEMD15_PUMD15_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
PDTA143E_SER NEXPERIA-PDTA143E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
PEMB15 NEXPERIA-PEMB15 Datasheet
916Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
logo
NXP Semiconductors
PEMB15_PUMB15 PHILIPS-PEMB15_PUMB15_15 Datasheet
621Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PEMH15_PUMH15 PHILIPS-PEMH15_PUMH15_15 Datasheet
623Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
   NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
logo
NXP Semiconductors
PEMD18_PUMD18 PHILIPS-PEMD18_PUMD18_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 2-21 December 2011
PEMD13_PUMD13 PHILIPS-PEMD13_PUMD13_15 Datasheet
958Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 3-7 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com