Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN2428-15A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN2428-15A
Description  Marktech 0.28 Clock (Std.) Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN2428-15A Datasheet(HTML) 1 Page - Marktech Corporate

  MTN2428-15A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
444
120 Broadway • Menands, New York 12204
Toll Free: (800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.28" Clock Display
FEATURES
· Low Current Requirements
· High Light Output
· Additional colors/materials available
· IC Compatible
OPTO-ELECTRICAL CHARACTERISTICS (Ta = 25°C)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PACKAGE DIMENSIONS AND PIN FUNCTIONS
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(mcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTN2428-14C
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2.5
10
1
MTN4428R-14C
635
Hi-Eff. Red
Red
Red
30
5
85
2.1
3.0
20
100
5
2.9
10
1
MTN2428-15A
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2.5
10
2
MTN4428R-15A
635
Hi-Eff. Red
Red
Red
30
5
85
2.1
3.0
20
100
5
2.9
10
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.
PINOUT 1
PINOUT 2
COMMON CATHODE
COMMON ANODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
ANODE E
1.
CATHODE E
2.
ANODE D
2.
CATHODE D
3.
ANODE DP
3.
CATHODE UC,LC,DP1,DP2,DP3
4.
ANODE C
4.
CATHODE C
5.
ANODE G
5.
CATHODE G
6.
COMMON CATHODE D4
6.
COMMON ANODE D4, DP3
7.
ANODE B
7.
CATHODE B
8.
COMMON CATHODE D3
8.
COMMON ANODE D3,DP2
9.
COMMON CATHODE D2
9.
COMMON ANODE D2,UC,LC
10.
ANODE F
10.
CATHODE F
11.
ANODE A
11.
CATHODE A
12.
COMMON CATHODE D1
12.
COMMON ANODE D1,DP1


Similar Part No. - MTN2428-15A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2428-11C MARKTECH-MTN2428-11C Datasheet
38Kb / 1P
   Marktech 0.28 Clock (13 Pin) Display
More results

Similar Description - MTN2428-15A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2428-11C MARKTECH-MTN2428-11C Datasheet
38Kb / 1P
   Marktech 0.28 Clock (13 Pin) Display
MTN2228-11A MARKTECH-MTN2228-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
logo
LUMEX INC.
LDC-M2814RI-SI LUMEX-LDC-M2814RI-SI Datasheet
63Kb / 1P
   0.28" SEVEN SEGMENT, LED CLOCK DISPLAY. 636nm RED CHIPS
LDC-M2812RI LUMEX-LDC-M2812RI Datasheet
63Kb / 1P
   0.28 SEVEN SEGMENT, LED CLOCK DISPLAY, 565mm GREEN CHIPS
logo
List of Unclassifed Man...
QBQ28IB1 ETC2-QBQ28IB1 Datasheet
303Kb / 5P
   0.28??Four Digit Display
logo
China Semiconductor Cor...
CSQ-2842G CHINASEMI-CSQ-2842G Datasheet
207Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842B7 CHINASEMI-CSQ-2842B7 Datasheet
201Kb / 7P
   0.28 Inch Quad Digit Display
logo
BRIGHT LED ELECTRONICS ...
BD-F284RD BRIGHT-BD-F284RD Datasheet
148Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
logo
China Semiconductor Cor...
CSQ-2842 CHINASEMI-CSQ-2842 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842V9 CHINASEMI-CSQ-2842V9 Datasheet
198Kb / 6P
   0.28 Inch Quad Digit Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com