Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN2356-CG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN2356-CG
Description  Marktech 0.56 Three Digit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN2356-CG Datasheet(HTML) 1 Page - Marktech Corporate

  MTN2356-CG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
429
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.56"
0.56"
0.56"
0.56"
0.56" T
TT
T
Thr
hr
hr
hr
hree Digit Displa
ee Digit Displa
ee Digit Displa
ee Digit Displa
ee Digit Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 0.56" digit height
· Right hand decimal point
· Multiplex drive
· Additional colors/materials available
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE E
1.
ANODE E
2.
CATHODE D
2.
ANODE D
3.
CATHODE DP
3.
ANODE DP
4.
CATHODE C
4.
ANODE C
5.
CATHODE G
5.
ANODE G
6.
NO CONNECTION
6.
NO CONNECTION
7.
CATHODE B
7.
ANODE B
8.
D3 COMMON ANODE
8.
D3 COMMON CATHODE
9.
D2 COMMON ANODE
9.
D2 COMMON CATHODE
10.
CATHODE F
10.
ANODE F
11.
CATHODE A
11.
ANODE A
12.
D1 COMMON ANODE
12.
D1 COMMON CATHODE
ALSO AVAILABLE IN DIRECT DRIVE.
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTN2356-AG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
1
MTN4356-AO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN4356-AHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN7356M-AUR
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
1
MTN2356-CG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
2
MTN4356-CO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN4356-CHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN7356M-CUR
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTN2356-CG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2356-11A MARKTECH-MTN2356-11A Datasheet
63Kb / 1P
   3&4 DIGIT DISPLAY
MTN2356-11C MARKTECH-MTN2356-11C Datasheet
63Kb / 1P
   3&4 DIGIT DISPLAY
More results

Similar Description - MTN2356-CG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2256-AG MARKTECH-MTN2256-AG Datasheet
45Kb / 1P
   Marktech 0.56 Dual Digit?
MTN5456-11C MARKTECH-MTN5456-11C Datasheet
43Kb / 1P
   Marktech 0.56 Four Digit
logo
List of Unclassifed Man...
QBT56IB1 ETC2-QBT56IB1 Datasheet
303Kb / 5P
   0.56??Three Digit Display
QBTS561R ETC2-QBTS561R Datasheet
646Kb / 10P
   0.56??Three Digit Display
logo
OptoSupply Internationa...
OSL30561-IW OPTOSUPPLY-OSL30561-IW Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
logo
Micro Electronics
MU356 MICRO-ELECTRONICS-MU356 Datasheet
70Kb / 2P
   0.56 THREE DIGIT NUMBERIC DISPLAYS
logo
OptoSupply Internationa...
OSL30561-IX OPTOSUPPLY-OSL30561-IX Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
logo
Micro Electronics
MS356A MICRO-ELECTRONICS-MS356A Datasheet
81Kb / 2P
   0.56 THREE DIGIT NUMERIC DISPLAYS
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
SunLED Corporation
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com