Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN4156-CO Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN4156-CO
Description  0.56 Single Digit Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN4156-CO Datasheet(HTML) 1 Page - Marktech Corporate

  MTN4156-CO Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
415
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.56" Sing
0.56" Sing
0.56" Sing
0.56" Sing
0.56" Single Digit Displa
le Digit Displa
le Digit Displa
le Digit Displa
le Digit Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 0.56" digit height
· Right hand decimal point
· Additional colors/materials available
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE E
1.
ANODE E
2.
CATHODE D
2.
ANODE D
3.
COMMON ANODE
3.
COMMON CATHODE
4.
CATHODE C
4.
ANODE C
5.
CATHODE DP
5.
ANODE DP
6.
CATHODE B
6.
ANODE B
7.
CATHODE A
7.
ANODE A
8.
COMMON ANODE
8.
COMMON CATHODE
9.
CATHODE F
9.
ANODE F
10.
CATHODE G
10.
ANODE G
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTN2156-AG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
1
MTN4156-AO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN4156-AHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN7156M-11A
660
Ultra Red
Black
White
30
4
70
1.7
2.2
20
100
4
17300
20
1
MTN2156-CG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
2
MTN4156-CO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN4156-CHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN7156M-11C
660
Ultra Red
Black
White
30
4
70
1.7
2.2
20
100
4
17300
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTN4156-CO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN4156-CO MARKTECH-MTN4156-CO Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
More results

Similar Description - MTN4156-CO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS56IB1 ETC2-QBS56IB1 Datasheet
294Kb / 5P
   0.56??Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-5614S CHINASEMI-CSS-5614S Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614A9 CHINASEMI-CSS-5614A9 Datasheet
182Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614T9 CHINASEMI-CSS-5614T9 Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
logo
Inolux Corporation
INND-SS56 INOLUX-INND-SS56 Datasheet
872Kb / 12P
   0.56 SMD Single Digit Display
logo
China Semiconductor Cor...
CSS-514S CHINASEMI-CSS-514S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
CSS-514T9 CHINASEMI-CSS-514T9 Datasheet
190Kb / 6P
   0.56 Inch Single Digit Display
CSS-514B7 CHINASEMI-CSS-514B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com