Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KID65082AP Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KID65082AP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65082AP Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KID65082AP Datasheet HTML 1Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 2Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 3Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 4Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 5Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 6Page - KEC(Korea Electronics) KID65082AP Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2009. 12. 16
6/7
KID65081AP/AF~KID65084AP/AF
Revision No : 2
8. t
, t
ON
OPEN
OFF
PULSE
GENERATOR
(Note 1)
(Note 2)
R I
INPUT
Input Condition
VOUT
R L
L
C =15pF
(Note 3)
OUTPUT
t r
f
t
90%
50%
10%
50µs
t ON
10%
50%
90%
OFF
t
50%
50%
VOL
VOH
0
IH
V
INPUT
OUTPUT
Notes : 1. Pulse Width 50μs, Duty Cycle 10%
Output Impedance 50Ω, tr≦5ns, tf≦10ns
2. See below
Input Conditions
3. CL includes probe and Jig capacitance.
Type Number
RI
VIH
KID65081AP/AF
2.7kΩ
3V
KID65082AP/AF
0
13V
KID65083AP/AF
0
3V
KID65084AP/AF
0
8V


Similar Part No. - KID65082AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65082AP KEC-KID65082AP Datasheet
635Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (8 HIGH-VOLTAGE HIGH-CURRENT DARLING TON TRANSISTOR ARRAYS)
KID65082AP/AF KEC-KID65082AP/AF Datasheet
902Kb / 7P
   SEMICONDUCTOR
More results

Similar Description - KID65082AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com