Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA7909F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA7909F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7909F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA7909F Datasheet HTML 1Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 2Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 3Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 4Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 5Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 7Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 8Page - KEC(Korea Electronics) KIA7909F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2007. 9. 7
3/16
KIA7905F/PI~KIA7924F/PI
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA7905F/PI
(Unless otherwise specified, VIN=-10V, IOUT=500mA, 0
Tj
125
, CIN=2.2 F, COUT=1 F)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig.1
Tj=25
-5.2
-5.0
-4.8
V
Input Regulation
Reg line
Fig.1
Tj=25
-12V
VIN
-8V
-
5
50
mV
-25V
VIN
-7V
-
10
100
Load Regulation
Reg load
Fig.1
Tj=25
5mA
IOUT
1.5A
-
10
100
mV
250mA
IOUT
750mA
-
3
50
Output Voltage
VOUT
Fig.1
-20V
VIN
-7V
5mA
IOUT
1.0A
-5.25
-5.0
-4.75
V
Quiescent Current
IB
Fig.1
Tj=25
-
3
6
mA
Quiescent Current Change
IBI
Fig.1
-25V
VIN
-8V
-
0.1
1.3
mA
IBO
5mA
IOUT
1.0A
-
0.05
0.5
Output Noise Voltage
VNO
Fig.2
Ta=25
, 10Hz
f
100kHz
-
100
-
Vrms
Ripple Rejection Ratio
RR
Fig.3
f=120Hz, IOUT=20mA,
54
60
-
dB
Short Circuit Current Limit
ISC
Fig.1
Tj=25
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig.1
IOUT=5.0mA
-
-0.4
-
mV/
Dropout Voltage
VD
Fig.1
Tj=25
, IOUT=1A
-
2.0
-
V


Similar Part No. - KIA7909F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7909F KEC-KIA7909F Datasheet
471Kb / 14P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
KIA7909F/PI KEC-KIA7909F/PI Datasheet
562Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7909F/PI KEC-KIA7909F/PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
More results

Similar Description - KIA7909F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com