Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78R08F Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA78R08F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R08F Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA78R08F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R08F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2009. 10. 22
7/8
KIA78R05F~KIA78R35F
Revision No : 4
0
0
20
510
15
20
25
5
10
15
INPUT VOLTAGE VIN (V)
Fig. 17 VOUT - VIN (KIA78R12)
R
L=24Ω
R
L=12Ω
R
L=
0
0
510
152025
5
10
15
20
INPUT VOLTAGE VIN (V)
Fig. 18 VOUT - VIN (KIA78R15)
R
L=30Ω
R
L=15Ω
R
L=
0
0
10
5
20
30
40
10
INPUT VOLTAGE VIN (V)
Fig. 21 IBIAS - VIN (KIA78R06)
R
L=6Ω
R
L=
0
0
510
10
20
30
40
INPUT VOLTAGE VIN (V)
Fig. 20 IBIAS - VIN (KIA78R05)
R
L=5Ω
R
L=10Ω
R
L=
012
0
345
10
20
30
40
INPUT VOLTAGE VIN (V)
Fig. 19 IBIAS - VIN (KIA78R33)
R
L=3.3Ω
R
L=
5
0
0
5
10
10
15
15
INPUT VOLTAGE VIN (V)
Fig. 16 VOUT - VIN (KIA78R10)
R
L=10Ω
R
L=


Similar Part No. - KIA78R08F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R08F KEC-KIA78R08F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R08F TGS-KIA78R08F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78R08FXX TGS-KIA78R08FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Similar Description - KIA78R08F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com