Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78R00F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA78R00F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R00F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA78R00F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R00F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R00F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R00F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R00F_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008. 6. 24
2/5
KIA78R00F
Revision No : 1
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VIN=15V, VO=10V, IO=0.5A, R1=390Ω (Note1 : VIN=0.95Vout ))
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
VIN
-
4.5
-
35
V
Output Voltage
VO
R2=84Ω to 8.7kΩ
1.5
-
30
V
Load Regulation
Reg Load
IO=5mA~1A
-
-
2.0
%
Line Regulation
Reg Line
VIN=11V~28V
-
-
2.5
%
Ripple Rejection
R
・R
Cref=0
Refer to Fig.2
45
55
-
dB
Cref=3.3μ
F
55
65
-
Reference Voltage
Vref
-
1.26
1.29
1.32
V
Temperature cofficient of reference Voltage
TC Vref
Tj=0~125℃
-
±1.0
-%
DropOut Voltage
VD
IO=1.0A
(Note1)
-
-
0.5
V
Quiescent Current
IQ
IO=0A
-
-
10
mA
ITEM
Pin NO
KIA78R00F
(DPAK-5)
1
VIN
2
VC
3
VOUT
4
Adj
5GND


Similar Part No. - KIA78R00F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R00F KEC-KIA78R00F Datasheet
425Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78R00F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com