Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURH860CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURH860CTG
Description  Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURH860CTG Datasheet(HTML) 3 Page - ON Semiconductor

  MURH860CTG_15 Datasheet HTML 1Page - ON Semiconductor MURH860CTG_15 Datasheet HTML 2Page - ON Semiconductor MURH860CTG_15 Datasheet HTML 3Page - ON Semiconductor MURH860CTG_15 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURH860CTG
www.onsemi.com
3
32
28
24
20
16
12
8
4
0
32
28
24
20
16
12
8
4
0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Typical Recovery Characteristics
12
3
4
5
6
7
8
Trr
Qrr
Vr = 30 V
di/dt = 50 A/
ms
Figure 6. Typical Capacitance, Per Leg
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
100
10
1
0.1
VR, REVERSE VOLTAGE (VOLTS)


Similar Part No. - MURH860CTG_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURH860CTG ONSEMI-MURH860CTG Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURH860CTG ONSEMI-MURH860CTG Datasheet
128Kb / 4P
   MEGAHERTZ Power Rectifier
June, 2008 ??Rev. 4
More results

Similar Description - MURH860CTG_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
   POWER RECTIFIER
logo
ON Semiconductor
MBRJ30L45CTG ONSEMI-MBRJ30L45CTG Datasheet
106Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MUR10120E ONSEMI-MUR10120E Datasheet
130Kb / 4P
   Power Rectifier
September, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com