Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR115G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR115G
Description  SWITCHMODE Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR115G Datasheet(HTML) 3 Page - ON Semiconductor

  MUR115G Datasheet HTML 1Page - ON Semiconductor MUR115G Datasheet HTML 2Page - ON Semiconductor MUR115G Datasheet HTML 3Page - ON Semiconductor MUR115G Datasheet HTML 4Page - ON Semiconductor MUR115G Datasheet HTML 5Page - ON Semiconductor MUR115G Datasheet HTML 6Page - ON Semiconductor MUR115G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MUR120 Series
http://onsemi.com
3
MUR105, MUR110, MUR115, MUR120
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.6
0.4
0.8
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
0.3
0.05
0.5
5.0
1.3
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
100
0.01
0.001
1.0
10
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current*
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
250
Figure 3. Current Derating
(Mounting Method #3 Per Note 1)
Figure 4. Power Dissipation
0
10
30
50
5.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
0.5
0.07
1.0
7.0
1.0
1.2
100
°C
TJ = 175°C
25
°C
160
180
140
0.1
100
°C
25
°C
150
100
200
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
TJ = 25°C
30
40
50
7.0
20
TJ = 175°C
RATED VR
RqJA = 50°C/W
dc
SQUARE WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20
SQUARE WAVE
dc
5.0
10
0.7
0.9
1.1


Similar Part No. - MUR115G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR115G ONSEMI-MUR115G Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Shenzhen Foster Semicon...
MUR115G FOSTER-MUR115G Datasheet
1Mb / 2P
   Glass Passivated Rectifier
logo
Shanghai Lunsure Electr...
MUR115GP CHENYI-MUR115GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
logo
Micro Commercial Compon...
MUR115GP MCC-MUR115GP Datasheet
359Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR115GP MCC-MUR115GP Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - MUR115G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com