Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR860G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR860G
Description  Switch-mode Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR860G Datasheet(HTML) 3 Page - ON Semiconductor

  MUR860G Datasheet HTML 1Page - ON Semiconductor MUR860G Datasheet HTML 2Page - ON Semiconductor MUR860G Datasheet HTML 3Page - ON Semiconductor MUR860G Datasheet HTML 4Page - ON Semiconductor MUR860G Datasheet HTML 5Page - ON Semiconductor MUR860G Datasheet HTML 6Page - ON Semiconductor MUR860G Datasheet HTML 7Page - ON Semiconductor MUR860G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MUR805G, MUR810G, MUR815G, MUR820G, MUR840G, MUR860G, MURF860G,
SUR8820G, SUR8840G
http://onsemi.com
3
MUR805G, MUR810G, MUR815G, MUR820G, SUR8820G
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.5
0.3
0.7
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.2
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
1000
0.1
0.01
10
100
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
0
12
2.0
6.0
4.0
14
0
20
40
60
80
200
TC, CASE TEMPERATURE (°C)
140
150
0
2.0
1.0
3.0
5.0
4.0
180
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
0
1.0
6.0
10
0
1.0
2.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
0.4
0.7
10
70
0.9
1.1
100
°C
TJ = 175°C
25
°C
160
180
140
1.0
100
°C
25
°C
170
160
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 175°C
3.0
4.0
10
5.0
2.0
RATED VR APPLIED
dc
SQUARE WAVE
SQUARE WAVE
0.6
0.8
1.0
100
120
140
160
180
8.0
10
dc
5.0
6.0
7.0
8.0
9.0
3.0
4.0
9.0
8.0
7.0
7.0
6.0
8.0
10
9.0
SQUARE WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)


Similar Part No. - MUR860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR860G ONSEMI-MUR860G Datasheet
106Kb / 8P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
MUR860G ONSEMI-MUR860G Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR860G KERSEMI-MUR860G Datasheet
478Kb / 7P
   Power Rectifiers
logo
Inchange Semiconductor ...
MUR860G ISC-MUR860G Datasheet
281Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - MUR860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com