Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR415 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR415
Description  SWITCHMODE Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR415 Datasheet(HTML) 5 Page - ON Semiconductor

  MUR415 Datasheet HTML 1Page - ON Semiconductor MUR415 Datasheet HTML 2Page - ON Semiconductor MUR415 Datasheet HTML 3Page - ON Semiconductor MUR415 Datasheet HTML 4Page - ON Semiconductor MUR415 Datasheet HTML 5Page - ON Semiconductor MUR415 Datasheet HTML 6Page - ON Semiconductor MUR415 Datasheet HTML 7Page - ON Semiconductor MUR415 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
http://onsemi.com
5
MUR440, MUR460
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
80
0.008
0.004
200
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
300
700
Figure 7. Typical Reverse Current
Figure 8. Current Derating
(Mounting Method #3 Per Note 2)
Figure 9. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 10. Typical Capacitance
0.7
10
0.07
1.9
2.1
2.3
100
°C
TJ = 175°C
25
°C
600
500
0.08
0.04
0.02
100
°C
25
°C
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
10
12
14
0.3
0.9
1.3
1.7
40
20
30
4.0
10
VR, REVERSE VOLTAGE (VOLTS)
5.0
6.0
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
9.0
10
5.0
10
(Capacitive
Load)
=20
TA, AMBIENT TEMPERATURE (°C)
0
20
40
60
80 100 120 140 160 180 200
0
1
2
3
4
5
6
7
8
Rated VR
RqJA = 28°C/W
SQUAREWAVE
DC


Similar Part No. - MUR415

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR415 JGD-MUR415 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR415 LUGUANG-MUR415 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
Diode Semiconductor Kor...
MUR415 DSK-MUR415 Datasheet
288Kb / 2P
   SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR415 MCC-MUR415 Datasheet
91Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
MUR415 YEASHIN-MUR415 Datasheet
84Kb / 3P
   Power Rectifiers
More results

Similar Description - MUR415

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com