Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDS-3215R-40XGA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDS-3215R-40XGA1E
Description  15" XGA Industrial Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3215R-40XGA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDS-3215R-40XGA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3215R-40XGA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Display Solutions
Features
IDS-3215
15" XGA Industrial Panel Mount Monitor
ƒ 15" XGA LCD panel with LED backlight for 20% power saving and
environmental protection
ƒ -20° ~ +60° C wide range operating temperature
ƒ 5-wire resistive touchscreen solution or 3mm tempered smudge resistant
protected glass
ƒ Combo touch interface: RS-232 and USB
ƒ Dual signal interface with VGA & DVI
ƒ Standard integrated frame
ƒ Versatile mounting methods for front mounting and VESA mounting
ƒ Anti-Reflective treatment (optional)
ƒ Ultra high brightness solution of 1200 cd/m2 for outdoor applications
(optional)
RoHS
COMPLIANT
2002/95/EC
Introduction
The Advantech IDS-3215 Embedded Industrial Panel Mount Monitor series offers flexible options for LCD, touchscreen, signal interface and chassis mounting. The series with standard
integrated frame design, supports front and VESA mounting which brings the benefits of easy installation and provides flexibility for different applications.
Specifications
Display
Model
IDS-3215
IDS-3215E
Size
15" LED panel
15" CCFL panel
Resolution
1024 x 768 (XGA)
1024 x 768 (XGA)
Viewing Angle
80°/80° (H), 70°/70° (V)
80°/80° (H), 80°/80° (V)
Brightness
400 (cd/m2)
250 (cd/m2)
Color Support
16.2M / 262K colors
16.7M
Contrast Ratio
700:1
600:1
Response Time
16 [msec]
8 [msec]
Backlight Life (hrs)
50,000 hrs
40,000 hrs
Touchscreen
Touchscreen Type
5-Wire resistive touchscreen
Surface Hardness
3H
Durability
10 million touches
Transparency
80%+/-3%
Environment
Operating Temperature
-20 ~ 60° C (-4 ~ 140° F)
0~ 45° C (32 ~ 113° F)
Storage Temperature
-30 ~ 70° C (-22 ~ 158° F)
-20 ~ 60° C ( -4 ~ 140° F)
Humidity
5 ~ 95% @ 40° C, non-condensing
Vibration
5-500 Hz, 0.026G²/Hz, 2.16Grms, X, Y, Z
1 hour per axis
System
I/O
VGA x 1; DVI-D x 1; 12 VDC Jack x 1; USB x1;
RS-232 x 1 (USB & RS-232 are reserved for the
connection to enable touch usage only)
VGA x 1; 12 VDC Jack x 1; USB x1; RS-232 x 1
(USB & RS-232 are reserved for the connection to
enable touch usage only)
OSD
Keys: menu, up, down, auto adjust, monitor power
on/off
Menu Functions: brightness, contrast, screen
settings, color temp, language OSD settings,
VGA/ DVI, recall, auto adjust
Keys: menu, up, down, auto adjust, monitor power
on/off
Menu Functions: brightness, contrast, color adjust,
color temp, auto color, and language
Power
60 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 5 A output
EMC Compliance
CE/FCC/CCC
NEW
All product specifications are subject to change without notice
Last updated : 29-Jan-2014


Similar Part No. - IDS-3215R-40XGA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3215R-40XGA1E ADVANTECH-IDS-3215R-40XGA1E Datasheet
724Kb / 2P
   15' XGA Industrial Panel Mount Monitor
IDS-3215R-40XGA1E ADVANTECH-IDS-3215R-40XGA1E Datasheet
839Kb / 2P
   15 XGA Industrial Panel Mount Monitor
24-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com