Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375ST-3.0T3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33375ST-3.0T3G
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375ST-3.0T3G Datasheet(HTML) 5 Page - ON Semiconductor

  MC33375ST-3.0T3G Datasheet HTML 1Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 2Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 3Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 4Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 5Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 6Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 7Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 8Page - ON Semiconductor MC33375ST-3.0T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC33375, NCV33375 Series
http://onsemi.com
5
0
3.5
0
300
INPUT VOLTAGE (V)
CL = 1.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
Figure 2. Line Transient Response
Figure 3. Line Transient Response
Figure 4. Load Transient Response
Figure 5. Load Transient Response
Figure 6. Output Voltage versus Input Voltage
50
100
150
200
250
400
100
-100
-200
-500
-600
-700
-0.8
-0.6
-0.4
-0.2
-1.0
0.4
0
0.2
Vout
CHANGE
LOAD
CURRENT
-750
CL = 33.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
0
250
300
-0.11
-0.16
-0.01
0.14
Vout
CHANGE
LOAD CURRENT
200
-0.06
0.04
0.09
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5 5.0
IL = 1 mA
IL = 250 mA
50
100
150
1
300
IO, OUTPUT CURRENT (mA)
10
100
1000
250
200
150
100
50
0
0
TIME (mS)
20
40
60
80
100
120
140
160
180 200
7
6
5
4
3
2
1
0
-100
-50
0
50
100
150
200
Vin
Vout
Figure 7. Dropout Voltage versus Output Current
0
TIME (mS)
50
100
150
200
7
6
5
4
3
2
1
0
-20
-10
0
20
40
50
70
10
30
60
TA = 25° C
CL = 33 mF
IL = 10 mA
Vout = 3.3 V
Vin
Vout
-400
-300
0
200
300
350
0.6
0.8
1.0
-650
-550
-450
-350
-250
-150
-50
50
150
250
350
TIME (mS)
TIME (mS)
TA = 25° C
CL = 0.47 mF
IL = 10 mA
Vout = 3.3 V


Similar Part No. - MC33375ST-3.0T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375ST-3.0T3G ONSEMI-MC33375ST-3.0T3G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375ST-3.0T3G ONSEMI-MC33375ST-3.0T3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375ST-3.0T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com