Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275MN-3.0R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33275MN-3.0R2G
Description  300 mA, Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275MN-3.0R2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC33275MN-3.0R2G Datasheet HTML 1Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 2Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 3Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 4Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 5Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 6Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 7Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 8Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33275, NCV33275
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (CL = 1.0mF, TA = 25°C, for min/max values TJ = −40°C to +125°C, Note 1)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
IO = 0 mA to 250 mA
2.5 V Suffix
TA = 25°C, Vin = [VO + 1] V
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
2.5 V Suffix
Vin = [VO + 1] V, 0 < IO < 100 mA
3.0 V Suffix
2% Tolerance from TJ = −40 to +125°C
3.3 V Suffix
5.0 V Suffix
VO
2.475
2.970
3.267
4.950
2.450
2.940
3.234
4.900
2.50
3.00
3.30
5.00
2.525
3.030
3.333
5.05
2.550
3.060
3.366
5.100
Vdc
Line Regulation
Vin = [VO + 1] V to 12 V, IO = 250 mA,
All Suffixes TA = 25°C
Regline
2.0
10
mV
Load Regulation
Vin = [VO + 1] V, IO = 0 mA to 250 mA,
All Suffixes TA = 25°C
Regload
5.0
25
mV
Dropout Voltage
IO = 10 mA
TJ = −40°C to +125°C
IO = 100 mA
IO = 250 mA
IO = 300 mA
Vin − VO
25
115
220
260
100
200
400
500
mV
Ripple Rejection (120 Hz)
Vin(peak−peak) = [VO + 1.5] V to [VO + 5.5] V
65
75
dB
Output Noise Voltage
CL = 1.0 mFIO = 50 mA (10 Hz to 100 kHz)
CL = 200 mF
Vn
160
46
mVrms
CURRENT PARAMETERS
Quiescent Current ON Mode
Vin = [VO + 1] V, IO = 0 mA
IQOn
125
200
mA
Quiescent Current ON Mode SAT Vin = [VO − 0.5] V, IO = 0 mA (Notes 2, 3)
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
IQSAT
1500
1500
1500
2000
2000
2000
mA
Current Limit
Vin = [VO + 1] V, VO Shorted
ILIMIT
450
mA
THERMAL SHUTDOWN
Thermal Shutdown
150
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. Quiescent Current is measured where the PNP pass transistor is in saturation. Vin = [VO − 0.5] V guarantees this condition.
3. For 2.5 V version, IQSAT is constrained by the minimum input voltage of 2.5 V.


Similar Part No. - MC33275MN-3.0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275MN-3.0R2G ONSEMI-MC33275MN-3.0R2G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275MN-3.0R2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com