Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDS-3206 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS-3206
Description  6.5" VGA Industrial Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3206 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS-3206_14 Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3206_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDS-3206
For more compatible embedded board solution, please visit our Build Your display web page as bellow
http://www.advantech.com/buildyourdisplay
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180CM
1700021332-01
1 x VGA cable 15P(M) 1.8 meter
1962055040
4 x Clamper
1935042520
4 x Screw of clamper M4_25L
* USB Cable is only included in IDS-3106R series.
Note: Package contents are subject to change without prior notice
Ordering Information
Model Name
Description
IDS-3206G-80VGA1E
6.5" VGA 800cd/m2 LED Panel Mount Monitor
IDS-3206R-80VGA1E
6.5" VGA 800cd/m2 LED Panel Mount Touch Monitor
Optional Items
Part Number
Description
1700001524
3-Pin Power Cord (USA)
170203183C
3-Pin Power Cord (EU)
1700008921
3-Pin Power Cord with PSE (Japan)
1757003553
Adaptor AC100-240V 36W +12V/3A W/O PFC 9NA
1700000243
DVI cable 2.0 meter
IO view
Rear View
VGA port
12V DC Power
OSD Key
• Power
• Menu
• Auto
• Adjust +
• Adjust –
VESA Mounting
• 38 x 38 mm
• 75 x 75 mm
I/O Port
• 12V DC
• VGA
• DVI
• USB
DVI port
Touchscreen (USB)
133.4
219
197
37.66(R)
75
38
109.5
37.66(G)
Suggested Wall Thickness: 4 ~ 16 mm
200±1
CUT OUT


Similar Part No. - IDS-3206_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3206G-80VGA1E ADVANTECH-IDS-3206G-80VGA1E Datasheet
500Kb / 2P
   6.5' VGA Industrial Panel Mount Monitor
IDS-3206G-80VGA1E ADVANTECH-IDS-3206G-80VGA1E Datasheet
514Kb / 2P
   6.5 VGA Industrial Panel Mount Monitor
24-Jul-2020
IDS-3206R-80VGA1E ADVANTECH-IDS-3206R-80VGA1E Datasheet
500Kb / 2P
   6.5' VGA Industrial Panel Mount Monitor
IDS-3206R-80VGA1E ADVANTECH-IDS-3206R-80VGA1E Datasheet
514Kb / 2P
   6.5 VGA Industrial Panel Mount Monitor
24-Jul-2020
IDS-3206 ADVANTECH-IDS-3206_V01 Datasheet
514Kb / 2P
   6.5 VGA Industrial Panel Mount Monitor
24-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com