Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275DT-3.0RKG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33275DT-3.0RKG
Description  300 mA, Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.0RKG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33275DT-3.0RKG Datasheet HTML 2Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 3Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 9Page - ON Semiconductor MC33275DT-3.0RKG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33275, NCV33275
www.onsemi.com
6
Figure 8. Dropout Voltage versus Temperature
Figure 9. Ground Pin Current versus
Input Voltage
Figure 10. Ground Pin Current versus
Ambient Temperature
Figure 11. Output Voltage versus Ambient
Temperature (Vin = Vout + 1V)
-40
8
0
TA (°C)
Vin (VOLTS)
23
8
10
6
4
2
0
7
5
4
3
2
1
0
-20
0
20
40
60
80
100
120
140
IL = 100 mA
IL = 250 mA
-40
2.5
TEMPERATURE (°C)
2.495
2.49
2.485
2.48
2.475
2.47
025
85
6
IL = 50 mA
IO = 0
IO = 250 mA
-40
300
TEMPERATURE (°C)
250
200
150
100
50
0
025
85
IL = 10 mA
IL = 100 mA
IL = 250 mA
IL = 300 mA
1
8
12
IL = 300 mA
IL = 100 mA
IL = 50 mA
45
67


Similar Part No. - MC33275DT-3.0RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.0RKG ONSEMI-MC33275DT-3.0RKG Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275DT-3.0RKG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com