Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33275
Description  300 mA, Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33275 Datasheet HTML 1Page - ON Semiconductor MC33275 Datasheet HTML 2Page - ON Semiconductor MC33275 Datasheet HTML 3Page - ON Semiconductor MC33275 Datasheet HTML 4Page - ON Semiconductor MC33275 Datasheet HTML 5Page - ON Semiconductor MC33275 Datasheet HTML 6Page - ON Semiconductor MC33275 Datasheet HTML 7Page - ON Semiconductor MC33275 Datasheet HTML 8Page - ON Semiconductor MC33275 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC33275, NCV33275
www.onsemi.com
5
0
3.5
0
300
INPUT VOLTAGE (V)
CL = 1.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
Figure 2. Line Transient Response
Figure 3. Line Transient Response
Figure 4. Load Transient Response
Figure 5. Load Transient Response
Figure 6. Output Voltage versus Input Voltage
50
100
150
200
250
400
100
-100
-200
-500
-600
-700
-0.8
-0.6
-0.4
-0.2
-1.0
0.4
0
0.2
Vout
CHANGE
LOAD
CURRENT
-750
CL = 33.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
0
250
300
-0.11
-0.16
-0.01
0.14
Vout
CHANGE
LOAD CURRENT
200
-0.06
0.04
0.09
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5 5.0
IL = 1 mA
IL = 250 mA
50
100
150
1
300
IO, OUTPUT CURRENT (mA)
10
100
1000
250
200
150
100
50
0
0
TIME (mS)
20
40
60
80
100
120
140
160
180 200
7
6
5
4
3
2
1
0
-100
-50
0
50
100
150
200
Vin
Vout
Figure 7. Dropout Voltage versus Output Current
0
TIME (mS)
50
100
150
200
7
6
5
4
3
2
1
0
-20
-10
0
20
40
50
70
10
30
60
TA = 25° C
CL = 33 mF
IL = 10 mA
Vout = 3.3 V
Vin
Vout
-400
-300
0
200
300
350
0.6
0.8
1.0
-650
-550
-450
-350
-250
-150
-50
50
150
250
350
TIME (mS)
TIME (mS)
TA = 25° C
CL = 0.47 mF
IL = 10 mA
Vout = 3.3 V


Similar Part No. - MC33275

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33275 ONSEMI-MC33275 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275 ONSEMI-MC33275 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33275D-2.5 ONSEMI-MC33275D-2.5 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275D-2.5G ONSEMI-MC33275D-2.5G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com