Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40250G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR40250G
Description  Switch-mode Schottky Power Rectifier 250 V, 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250G Datasheet(HTML) 2 Page - ON Semiconductor

  MBR40250G_15 Datasheet HTML 1Page - ON Semiconductor MBR40250G_15 Datasheet HTML 2Page - ON Semiconductor MBR40250G_15 Datasheet HTML 3Page - ON Semiconductor MBR40250G_15 Datasheet HTML 4Page - ON Semiconductor MBR40250G_15 Datasheet HTML 5Page - ON Semiconductor MBR40250G_15 Datasheet HTML 6Page - ON Semiconductor MBR40250G_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBR40250G, MBR40250TG, MBRF40250TG, MBRB40250TG
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Average Rectified Forward Current
(Rated VR) TC = 82°C MBR40250, MBR40250T, MBRB40250T
(Rated VR) TC = 46°C MBRF40250T
IF(AV)
40
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 82°C MBR40250, MBR40250T, MBRB40250T
(Rated VR, Square Wave, 20 kHz) TC = 46°C MBRF40250T
IFRM
80
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
A
Storage Temperature
Tstg
*65 to +175
°C
Operating Junction Temperature
TJ
*65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
MBR40250(T) and MBRB40250T
MBRF40250
Junction−to−Ambient
MBR40250(T)
MBRF40250
MBRB40250T
RqJC
RqJA
2.0
3.0
60
50
50
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
IF = 20 A, TC = 25°C
IF = 20 A, TC = 125°C
IF = 40 A, TC = 25°C
IF = 40 A, TC = 125°C
VF
0.86
0.71
0.97
0.86
V
Maximum Instantaneous Reverse Current (Note 1)
Rated DC Voltage, TC = 25°C
Rated DC Voltage, TC = 125°C
IR
0.25
30
mA
Maximum Reverse Recovery Time
IF = 1.0 A, di/dt = 50 A/ms, TC = 25°C
trr
35
ns
DYNAMIC CHARACTERISTICS
Capacitance
VR = −5.0 V, TC = 25°C, Frequency = 1.0 MHz
CT
500
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR40250G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250G ONSEMI-MBR40250G Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
More results

Similar Description - MBR40250G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250_06 Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com