Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDK-2115R-K2XGC1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDK-2115R-K2XGC1E
Description  15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-2115R-K2XGC1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDK-2115R-K2XGC1E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-2115R-K2XGC1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDK-2115
IDK-2115N Series (For IDK-2115N-K2XGB1E only)
IDK-2115R Series (For IDK-2115R-K2XGB1E only)
Ordering Information
Part No.
Size
Brightness (cd/m2)
Interface
Touch screen
Touch Interface
IDK-2115N-K2XGC1E
15"
1200
LVDS
N/A
N/A
IDK-2115R-K2XGC1E
15"
1200
LVDS
5-wire Resistive
USB
IDK-2115N-K2XGB1E (Wide Temp)
15"
1200
LVDS
N/A
N/A
IDK-2115R-K2XGB1E (Wide Temp)
15"
1200
LVDS
5-wire Resistive
USB
Packing List
Part Number
Description
9680002141
1 x 5-wire USB touch controller (IDK-2115R-K2XGC1E)
1700004131
1 x USB cable for Touch controller
(IDK-2115R-K2XGC1E)
2068200000
1 x CD-ROM for User manual and touch driver
(IDK-2115R-K2XGC1E)
ETM-RES04C-EEH4EE
1 x 5-wire USB touch controller (IDK-2115R-K2XGB1E)
1700020324-01
1 x USB cable for Touch controller
(IDK-2115R-K2XGB1E)
Note: Package contents are subject to change without prior notice
Optional Order
SBC Part
No.
LVDS cable P/N
Display
interface
B/L cable P/N
Touch
interface
Touch
power
input
MIO-5270
96CB-L2040PCG4
Single channel
18bit LVDS
(XGA)
96CB-E0605HAB1 USB
5V
PCM-9362 96CB-L2020POCG2
Single channel
18bit LVDS
(XGA)
96CB-E0605HAB1 USB
5V
AIMB-270
96CB-L2040PCG4
Single channel
18bit LVDS
(XGA)
96CB-E0605HAB1 USB
5V
For more compatible embedded board solution, please visit our Build Your Display web page as below:
http://www.advantech.com/buildyourdisplay
AA Center
326.50±0.5 (LCD Outline)
(14.428)
11.528±0.5
(LCD)
2.20±0.2
(T/S)
5.50±0.3 (x2)
205±6
14±0.2
322±0.3 (T/S Outline)
303.50±0.2 (T/S Active Area)
178.71±1
135.50±1
LED DRIVER
CONNECTOR
LVDS INTERFACE
CONNECTOR
304.1(LCD Active Area)
307.4±0.3(LCD Bezel Area)
326.5±0.5(LCD Outline)
(1.636)
(163.25)
9.55
11.528±0.5
5.5±0.3 (x2)
5.5±0.3 (x2)
(260)
135.5±1
LVDS
INTERFACE
CONNECTOR
LED DRIVER
CONNECTOR


Similar Part No. - IDK-2115R-K2XGC1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-2115R-K2XGC1E ADVANTECH-IDK-2115R-K2XGC1E Datasheet
507Kb / 2P
   15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com