Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE80L1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE80L1001
Description  High Speed 5 Watt CW Limit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE80L1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +125 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND, B
Temperature Cycle
MIL-STD-202F, METHOD 107D COND, A
Fungus
MIL-STD-810F, METHOD 508.5
Salt Fog
MIL-STD-202F, METHOD 101D+EST Cond.B
ESD Sensitivity
Transport material in Approved ESD bags. Handle only
in approved ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE80L1001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 100 Watts Peak Power, 40 ns Recovery, 13 dBm Flat Leakage,
2 GHz to 8 GHz PE80L1001
SMA High Power Limiter, 100 Watts Peak Power, 40 ns
Recovery, 13 dBm Flat Leakage, 2 GHz to 8 GHz
Limiters - PE80L1001


Similar Part No. - PE80L1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
   High Speed 1 Watt Limit
More results

Similar Description - PE80L1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
   High Speed 10 Watt CW Limit
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
   High Speed 1 Watt Limit
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
   High Speed 200 Watt Peak Limit
logo
National Semiconductor ...
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321_14 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
logo
TRACO Electronic AG
TEL5 TRACOPOWER-TEL5 Datasheet
938Kb / 4P
   TEL 5 Series, 5 Watt
Rev. February 13, 2023
logo
Everlight Electronics C...
ELM6XX EVERLIGHT-ELM6XX Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com