Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD-5028 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DSD-5028
Description  28" Industrial Stretched Signage Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DSD-5028 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DSD-5028_14 Datasheet HTML 1Page - Advantech Co., Ltd. DSD-5028_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
DSD-5028
Packing List
Description
DVI cable 2.0 meter
HDMI to DVI cable 1.5 meter
Adaptor AC100-240V 120W +24V/5A
Ordering Information
Model Name
Description
DSD-5028N-70A1E
28" 1920 x 358 700cd/m2 Stretched Signage Display
Monitor
Optional Items
Part Number
Description
1700001524
3-Pin Power Cord (USA)
170203183C
3-Pin Power Cord (EU)
1700008921
3-Pin Power Cord with PSE (Japan)
1700019430
VGA cable 15P(M) 1.8 meter
1700091800
Cable 9P/9P 1.8M M/F (RS232)
Recommend Signage Media Player
Part Number
Description
ARK-DS306
AMD G-Series Signage Media Player
ARK-DS520
Advanced (ION2 based) Graphics Signage Media Player
350.0±0.2
736.6±0.5
44.35±0.75
21.5±0.5
699.6±0.4
90.0±0.2 90.0±0.2
350.0±0.2
16.5±0.2
100.0±0.2
100.0±0.2
65.0±0.2
65.0±0.2
310.0±0.2
310.0±0.2
190.0±0.2
190.0±0.2
196.40±0.40
146.80±0.40
152.30±0.40


Similar Part No. - DSD-5028_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSD-5028N-70A1E ADVANTECH-DSD-5028N-70A1E Datasheet
257Kb / 2P
   28" Industrial Stretched Signage Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com