Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A2001 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE15A2001
Description  Ultra-High Speed Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A2001 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE15A2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE15A2001 Datasheet HTML 9Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
TECHNICAL DATA SHEET
PE15A2001
PE15A2001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 GHz to 6 GHz, Log Amplifier, 40 mV/dB Log Slope, 75 dBm Log Range, SMA PE15A2001
Rise Time, 4 GHz @ -40C
Fall Time, 4 GHz @ -40
˚C
2 GHz to 6 GHz, Log Amplifier, 40 mV/dB Log Slope, 75 dBm Log Range, SMA from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
2 GHz to 6 GHz, Log Amplifier, 40 mV/dB Log
Slope, 75 dBm Log Range, SMA


Similar Part No. - PE15A2001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
   500 MHz to 4 GHz Frequency Range
PE15A2002 PASTERNACK-PE15A2002 Datasheet
941Kb / 10P
   Ultra-High Speed Applications
PE15A2003 PASTERNACK-PE15A2003 Datasheet
1Mb / 10P
   70 dB Successive Detection Log Video Amplifier
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
   6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
More results

Similar Description - PE15A2001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A2002 PASTERNACK-PE15A2002 Datasheet
941Kb / 10P
   Ultra-High Speed Applications
logo
Toshiba Semiconductor
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
   Ultra-High-Speed Switching Applications
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
   Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
   ULTRA HIGH SPEED SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
   Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
   Ultra High Speed Switching Applications
1SS361F TOSHIBA-1SS361F Datasheet
242Kb / 4P
   Ultra High Speed Switching Applications
1SS427 TOSHIBA-1SS427 Datasheet
222Kb / 4P
   Ultra-High Speed Switching Applications
1SS302T5LFH TOSHIBA-1SS302T5LFH Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS302TE85LF TOSHIBA-1SS302TE85LF Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com