Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1914B Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA1914B
Description  System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1914B Datasheet(HTML) 5 Page - ON Semiconductor

  ENA1914B Datasheet HTML 1Page - ON Semiconductor ENA1914B Datasheet HTML 2Page - ON Semiconductor ENA1914B Datasheet HTML 3Page - ON Semiconductor ENA1914B Datasheet HTML 4Page - ON Semiconductor ENA1914B Datasheet HTML 5Page - ON Semiconductor ENA1914B Datasheet HTML 6Page - ON Semiconductor ENA1914B Datasheet HTML 7Page - ON Semiconductor ENA1914B Datasheet HTML 8Page - ON Semiconductor ENA1914B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LV5693P
No.A1914-5/16
• Allowable power dissipation derating curve
• Waveform applied during surge test
CTRL Pin Output Truth Table
CTRL1
CD
DSP
AUDIO
CTRL3
USB
L
OFF
OFF
OFF
L
OFF
M
OFF
ON
ON
H
ON
H
ON
ON
ON
CTRL2
EXT
ILM
L
OFF
OFF
M1
OFF
ON
M2
ON
OFF
H
ON
ON
100msec
5msec
16V
50V
10%
90%
0
7
2
1
1.5
4
3
5
5.6
6
8
0
20
140 150
80
100
60
120
40
160
Aluminum heat sink (50
× 50 × 1.5mm3) when using
Pd max -- Ta
Ambient temperature, Ta --
°C
Independent IC
Aluminum heat sink mounting conditions
tightening torque : 39N
⋅cm, using silicone grease


Similar Part No. - ENA1914B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1910A SANYO-ENA1910A Datasheet
572Kb / 12P
   High-Frequency Low-Noise Amplifier
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results

Similar Description - ENA1914B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
NCV8614 ONSEMI-NCV8614 Datasheet
399Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com