Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFS7430-7PPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS7430-7PPBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7430-7PPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS7430-7PPBF_15 Datasheet HTML 1Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 2Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 3Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 4Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 5Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 6Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 7Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 8Page - International Rectifier IRFS7430-7PPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRFS7430-7PPbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 6, 2014
Absolute Maximium Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
522
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
369
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
240
IDM
Pulsed Drain Current 
1200*
PD @TC = 25°C
Maximum Power Dissipation
375
W
Linear Derating Factor
2.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175 
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
764 
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
1454
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.4
RJA
Junction-to-Ambient 
–––
40
°C/W  
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
26
–––
mV/°C Reference to 25°C, ID = 2mA 
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.55 0.75
VGS = 10V, ID = 100A 
–––
0.93
–––
VGS = 6V, ID = 50A 
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =40 V, VGS = 0V
–––
–––
150
VDS =40V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
2.2
–––

m

Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 240A
by source bonding technology. Note that current limitations arising from heating of the device leads may occur with
some lead mounting arrangements. (Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 153µH, RG = 50, IAS = 100A, VGS =10V.

ISD  100A, di/dt  1403A/µs, VDD  V(BR)DSS, TJ 175°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 54A, VGS =10V.
When mounted on 1" square PCB (FR-4 or G-10 Material).
Please refer to AN-994 for more details:
http://www.irf.com/technical-info/appnotes/an-994.pdf
*Pulse drain current is limited at 960A by source bonding technology.


Similar Part No. - IRFS7430-7PPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
   Brushed motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
304Kb / 12P
   Brushed motor drive applications
IRFS7430PBF IRF-IRFS7430PBF_15 Datasheet
304Kb / 12P
   Brushed motor drive applications
IRFS7430TRLPBF IRF-IRFS7430TRLPBF Datasheet
385Kb / 11P
   Brushed motor drive applications
logo
Inchange Semiconductor ...
IRFS7430TRLPBF ISC-IRFS7430TRLPBF Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-29
More results

Similar Description - IRFS7430-7PPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com