Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-370GF-U0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DS-370GF-U0A1E
Description  Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-370GF-U0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DS-370GF-U0A1E Datasheet HTML 1Page - Advantech Co., Ltd. DS-370GF-U0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Player
Features
DS-370
ƒ Intel® Celeron® J1900 low power Quad-Core SoC platform with fanless
design
ƒ 64GB Micro SSD on board storage for fast system boot & file read/write
ƒ Supports Full HD output for simultaneous dual displays
ƒ Expandable Mini-PCIe interface (e.g. WLAN, 3G)
ƒ Content management software built-in for content editing, scheduling and
remote monitoring functions
Introduction
Advantech DS-370 is fanless, low power Digital Signage Player. It supports Full HD output for simultaneous dual displays. It's not only a cost effective signage player, but also
has an on-board 64GB Micro SSD to speed up system response times. The storage of DS-370 can be easily maintained via its slide in chassis design. DS-370 is pre-loaded with
SUSIACCESS for Signage software for broadcast scheduling, content editing, and remote monitoring functions . As a cost effective solution, DS-370 is ideal for single or dual-display
applications in public spaces.
Specifications
Processor System
CPU
Intel® Celeron™ Processor J1900 Quad Core 2.0 GHz SoC
BIOS
AMI uEFI 64 Mbit
Memory
Technology
DDR3L 1333MHz
Socket
2 x 204-pin SO-DIMM*
Max. Capacity
8GB (up to 4GB per SO-DIMM)
Display
Processor Graphics
Intel® HD Graphics
Max. Resolution
VGA: 2048 x 1280 @ 60Hz
HDMI: 1920 x 1080 @ 60Hz
DP++: 1920 x 1080 @ 60Hz
Output
Dual Display
Graphic Engine
DirectX 11.1, OGL 3.0, OCL 1.1, OGL ES 2.0
Encode: H.264, MPEG2/4, VC1, WMV9
Decode: H.264, MPEG2
Storage
SATA
1 x 2.5-inch SATA II HDD / SSD (7mm Height)
Others
64GB on-board Micro SSD, or mSATA via MiniPCIe slot**
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel I211
I/O Interface
HDMI
1
DP++
1
VGA
1
LAN
2
USB 2.0
3
USB 3.0
1
Audio
1 x Mic-in, 1x SPDIF/ Line-Out (support jack-sense via OS setting)
Serial Ports
2 x RS-232
Mini-PCIe
2 x Full-size Mini PCIe
SIM Socket
1 x SIM card size (Optional)
Power Input
1 (DC-in jack)
Power Requirement
Management
ACPI 3.0
Power Consumption Input Voltage
Idle Mode: 4.39W (w/o expansion)
Full Mode:10.85W (w/o expansion)
Input Voltage
19V DC-in (ATX/AT mode, default ATX)
Others
Supports boot on power back and schedule boot up function
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable by SUSIAccess
Physical Characteristics
Mounting
Supports VESA/DIN Rail/Wall Mounting (Optional)
Dimensions (W x D x H)
204 x 118.2 x 44.2 mm
Weight
1.275 kg
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD)
Relative Humidity
95% @ 40° C (non-condensing)
Software Support
Microsoft Windows
WES7E, Windows 7, WE8S, Windows 8
Linux
Linux Fedora 20
Certification
EMC
CE/FCC Class B, CCC, BSMI
Safety
UL, CB, CCC, BSMI
* If only one RAM, please insert it into SO-DIMM 1 slot and boot up.
** 64GB on-board Micro SSD(PN:DS-370GF-U0A1E,DS-370GQ-U0A1E); mSATA is only supported by DS-370GB-U0A1E
Intel® Celeron® Quad Core J1900
Fanless Digital Signage Player
NEW
All product specifications are subject to change without notice
Last updated : 1-Aug-2015


Similar Part No. - DS-370GF-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-370GF-U0A1E ADVANTECH-DS-370GF-U0A1E Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
More results

Similar Description - DS-370GF-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-370 ADVANTECH-DS-370 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-066 ADVANTECH-DS-066 Datasheet
646Kb / 2P
   Intel® Celeron® J1900 Quad-Core Ultra-slim Fanless Digital Signage Player
13-Sep-2022
logo
Axiomtek Co., Ltd.
DSB320-842 AXIOMTEK-DSB320-842 Datasheet
119Kb / 1P
   Fanless Digital Signage Player supports Celeron J1900 on board
logo
Advantech Co., Ltd.
DS-080 ADVANTECH-DS-080 Datasheet
910Kb / 2P
   5th Gen. Intel짰 Core??i5/Celeron짰 Ultra-slim Digital Signage Player
logo
Axiomtek Co., Ltd.
DSB320-842 AXIOMTEK-DSB320-842_17 Datasheet
264Kb / 1P
   Fanless Digital Signage Player with Intel Celeron Processor J1900
logo
Advantech Co., Ltd.
ARK-2121F ADVANTECH-ARK-2121F_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2121L ADVANTECH-ARK-2121L_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2121LA2 ADVANTECH-ARK-2121LA2 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
15-Dec-2020
DS-570 ADVANTECH-DS-570 Datasheet
944Kb / 2P
   Intel짰 Celeron짰 N2930/ J1900 Quad-Core??SoC with Advanced (NVIDIA GeForce GT 730M) Graphics Digital Signage Platform
DS-081 ADVANTECH-DS-081 Datasheet
526Kb / 2P
   Ultra-slim Fanless Digital Signage Player
13-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com