Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-862 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DS-862
Description  3rd Generation Intel짰 Core??i Digital Signage Player with 4 independent displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-862 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DS-862_15 Datasheet HTML 1Page - Advantech Co., Ltd. DS-862_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Players
Features
DS-862
ƒ 3rd Generation Intel® Core™ i7/i3 and Celeron® 1020E
ƒ AMD Radeon E6460 GPU
ƒ 4 independent display: 4 x DisplayPort (up to 3840x2160@30hz)
ƒ Slim and compact design
ƒ Bundle with SUSIAccess for Signage, supports multidisplay flexibility
(2x2 or 1x4)
Introduction
Designed for advanced digital signage and interactive media applications, DS-862 is powered by 3rd generation Intel Core i processor and AMD Radeon E6460 graphic chip to drive
high quality contents up to 4K2K resolution. DS-862 supports four independent display by DisplayPort. DS-862 is preloaded with SUSIAccess for Signage software for scheduled
broadcasting and content editing and support multi displays (2x2 or 1x4) broadcasting. DS-862's storage can be easily maintained by its special drawer design. DS-862 is ideal for
multi-display applications in stores, stadiums, lobbies, restaurants, hotels and other public spaces.
Specifications
Processor System
CPU
3rd Generation Intel Core i7-3555LE/ i3-3217UE / Celeron 1020E
System Chipset
Intel QM77
BIOS
AMI uEFI 64 Mbit
Memory
Technology
2 x DDR3 204-pin SODIMM
Max. Capacity
Max. up to 16 GB (8 GB per SODIMM)
Display
Chipset
AMD Radeon E6460
Output
2 x DP1.2; 2 x DP1.1
Resolution
Suports up to 3840x2160@30hz
Video Format
H.264, VC-1, MPEG-2
Storage
SATA
1 x 2.5-inch SATA III HDD/SSD (only support 7mm height)
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel 82579LM
Connector
1 x RJ-45
Audio
Chipset
Realtek ALC892, High Definition Audio (HD)
I/O Interface
DisplayPort
2 x DP1.1; 2 x DP1.2
LAN
1 (RJ-45)
USB
4 (USB 3.0 compliant)
Audio
1 audio phone jack for Line-Out, Support jack sense via OS setting
Serial
1 x COM (RS-232)
Mini-PCIe (Internal)
1 (for optional expansion modules)
Power input
1 (DC-in Jack)
Power Requirement
Management
ACPI 3.0
Power Consumption
10W (Idle), 37W (maximum without expansion)
Input Voltage
19 V DC-in (ATX mode)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1~255sec.
Physical Characteristics
Mounting
VESA/Wall/Din Rail Mounting
Dimensions (W x D x H)
250 x 190 x 35 mm
Weight
2.0 kg (4.41 lb)
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD)
Relative Humidity
95% @ 40° C (non-condensing),Operating
Vibration Resistance
0.3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
Software Development Kit
Operating System
Supports Microsoft Windows 8.1, Window 7
EWF & WDT SDK
EWF and WDT library for signage stability design in Windows OS
Linux
by project
Certifications
Electromagnetic
CE/FCC Class B, CCC, BSMI
Safety
UL, CCC, BSMI
3rd Generation Intel® Core™ i Digital Signage
Player with 4 independent displays
All product specifications are subject to change without notice
Last updated : 30-Jan-2015


Similar Part No. - DS-862_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
   Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider, 20 - 2000 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider
logo
Tyco Electronics
DS-808-4BNC MACOM-DS-808-4BNC Datasheet
135Kb / 2P
   Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-808-4BNC MA-COM-DS-808-4BNC Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider, 20 - 2000 MHz
More results

Similar Description - DS-862_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
ARK-DS762 ADVANTECH-ARK-DS762_14 Datasheet
703Kb / 2P
   3rd Generation Intel짰 Core??i7/i5/i3 Digital Signage Platform with 3 x HDMI Independent Display
DS-100 ADVANTECH-DS-100 Datasheet
683Kb / 2P
   ARM-based 4K Digital Signage Player for independent dual displays
25-Oct-2018
DS-060SERIES ADVANTECH-DS-060SERIES_14 Datasheet
934Kb / 2P
   Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
EI-A300 ADVANTECH-EI-A300 Datasheet
524Kb / 2P
   ARM-based 4K Digital Signage Player for independent dual displays
4-Dec-2020
DS-370 ADVANTECH-DS-370 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-370 ADVANTECH-DS-370_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
logo
Advantech Co., Ltd.
DS-580 ADVANTECH-DS-580 Datasheet
590Kb / 2P
   4K Digital Signage Player with Integrated nVIDIA GT Graphics for Independent Quad Displays
4-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com