Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-DS762GQ-U2A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-DS762GQ-U2A1E
Description  3rd Generation Intel짰 Core??i7/i5/i3 Digital Signage Platform with 3 x HDMI Independent Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-DS762GQ-U2A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-DS762GQ-U2A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-DS762GQ-U2A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Platforms
Features
ARK-DS762
ƒ 3rd generation Intel® Core™ i7/i5/i3 processor, up to 45W
ƒ Supports Direct X11, and OCL 1.1
ƒ 3 independent displays; 3 x HDMI
ƒ Flexibility for expansion and storage options (HDD/Cfast/Mini PCIe/USB2.0
& 3.0)
ƒ 19 VDC power input , supports DC power hot plug
ƒ Operating temperature: 0 ~ 40° C (0 ~ 50° C is an option)
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
3rd Gen. Intel Core i7/i5/i3 CPU, (uPGA 988B socket, up to 45W)
System Chipset
QM77
BIOS
AMI uEFI 64 Mbit
Memory
Technology
2 x DDR3 204-pin SODIMM
Max. Capacity
16 GB (up to 8 GB per each SODIMM)
Display
Chipset
Embedded in Processor
Processor Graphics
Intel HD Graphics 4000
Output
3 x HDMI
Resolution
HDMI: Supports 1920 x 1080p at 60 Hz, 36 bpp, Supports HDMI v1.3
Storage
SATA
1 x 2.5-inch SATA II HDD/SSD (support 9.5 mm / 7 mm height)
Cfast (socket)
1
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel 82579LM
Connector
1 x RJ-45
Audio
Chipset
Realtek ALC892, High Definition Audio(HD)
I/O Interface
HDMI
3 (Support CEC)
LAN
1 (RJ-45)
USB 2.0
2
USB 3.0
1
Audio
1 audio phone jack for Line-Out, Jack sensor support via OS setting
Serial
1 x COM (RS-232)
Mini-PCIe (Internal)
1 (for optional expansion modules)
Power input
1 (DC-in Jack)
Power Requirement
Management
ACPI 3.0
Power Consumption
17.4W (idle)
43.8W (full load)
Input Voltage
19 V DC-in (ATX/AT mode, default ATX)
Others
Supports boot on power back and schedule boot up function
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable by SUSIAccess
Physical Characteristics
Mounting
Easy mounting kits for LCD or Plasma
Dimensions (W x D x H)
249.6 x 190.0 x 35 mm
Weight
2.0 kg (4.41 lb)
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD); 0 ~ 50° C (32 ~ 122° F) (w / SSD)
Relative Humidity
95% @ 40° C (non-condensing),Operating
Vibration Resistance
0.2 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Software Development
Kit
Operating System
Supports Microsoft Windows 8, Windows 7, XP Embedded
EWF & WDT SDK
EWF and WDT library for signage stability design in Windows OS
Linux
Linux CentOS, Fedora 14
Certifications
Electromagnetic
CE/FCC Class B, CCC, BSMI
Safety
UL, CCC, BSMI
3rd Generation Intel® Core™ i7/i5/i3
Digital Signage Platform with 3 x HDMI
Independent Display
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - ARK-DS762GQ-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS762GQ-U2A1E ADVANTECH-ARK-DS762GQ-U2A1E Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
More results

Similar Description - ARK-DS762GQ-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
DS-060SERIES ADVANTECH-DS-060SERIES_14 Datasheet
934Kb / 2P
   Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
logo
AAEON Technology
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
DS-862 ADVANTECH-DS-862_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i Digital Signage Player with 4 independent displays
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com