Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-DS520F-N5A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-DS520F-N5A1E
Description  Advanced (ION2 based) Graphics Digital Signage Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-DS520F-N5A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-DS520F-N5A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-DS520F-N5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Signage Box
Features
ARK-DS520
Advanced (ION2 based) Graphics
Digital Signage Platform
ƒ Integrated NVIDIA GT218 (ION2) graphic module for Full HD playback
ƒ Rich video I/O combination supports dual display (eg: 2 x VGA, VGA + HDMI,
HDMI + DVI, VGA+DVI)
ƒ Embedded Intel® Atom™ D525 dual-core (fan-based) or Intel® Atom™ N455
single-core process (fanless)
ƒ Compact, low-profile design for easy installation
ƒ Highly expandable via internal Mini PCIe interface (eg: WLAN, 3G or TV
tuner)
ƒ RS-232 and DIO ports convenient for system integration and applications
ƒ Consumer Electronic Control (CEC) implemented on HDMI (*1)
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
ARK-DS520L-D6A1E
Processor System
CPU
Intel Atom D525 1.8 GHz, Intel Atom N455 1.66 GHz
Intel Atom D525 1.8 GHz
System Chipset
Intel Atom D525/N455 + ICH8M
Intel Atom D525 + ICH8M
L2 Cache
1 MB/512 KB (Depends on CPU Type)
BIOS
AMI 16 MB SPI BIOS
Memory
Technology
2 x DDR3 204-pin SO-DIMM
1 x DDR3 204-pin SO-DIMM
Max. Capacity
Max. up to 4 GB (w/D525); or 2 GB (w/N455)
Default 2 GB
Display
Chipset
NVIDIA GT218
Memory Size
Independent display memory 512 MB
Resolution (Chipset support)
VGA: up to 2048 x 1536 @ 60Hz
DVI-D: single link 1600 x 1200 @ 60Hz
HDMI: up to 1920 x 1080p
Output
HDMI x 1, DVI-D x 1, VGA x 2
HDMI x 1, VGA x 1
Dual Display
Any 2 display outputs simultaneously
Video Format
Blu-ray, MPEG2, MPEG4 Part 2 Advanced Simple Profile, H.264, VC1, DivX version 3.11 and later (*2)
Storage
SATA
2.5" SATA HDD (9.5 mm height only)
CF
CompactFlash socket for type I/II
Default 16GB CF card (MLC)
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel 82567V for LAN 1
Realtek RTL8111E for LAN2
Intel 82567V
Connector
2 x RJ-45
1 x RJ45
I/O Interface
HDMI
1
1
DVI-D
1
N/A
VGA
2 (D-sub 15-pin)
1
LAN
2 (RJ-45)
1 (LAN1)
USB
4 (USB 2.0 compliant)
4 (USB 2.0 compliant)
Audio
2 audio phone jacks for Line-out, Mic-in
(support Jack Sense)
1 (Line-out)
Serial
2 x COM (RS-232)
1 (COM1)
Digital I/O
1 DB9 (Female type)
N/A
Mini-PCIe (Internal)
2 (for optional expansion modules)
1
Power input
1 (DC-in Jack)
1 (DC-in Jack)
Power Requirement
Management
ACPI 2.0
Power Consumption Input Voltage
Average 18W, Maximum 30W
Input Voltage
12 V DC-in (ATX/AT mode, default ATX)
Other
Supports Boot on Power Back and Scheduled Boot Up functions
Watchdog Timer
Output
Interrupt, system reset
Interval
255-level timer interval, setup by software
Physical Characteristics
Mounting
Desktop/Wall Mount
Dimensions (W x H x D)
220 x 44.2 x 150 mm
Weight
1.7 kg (3.74 lb)
Environment
Temperature
0 ~ 40° C (32 ~ 104° F), operating
-20 ~ 70° C (-4 ~ 158° F), storage
0 ~ 50° C (32 ~ 122° F), operating
-20 ~ 70° C (-4 ~ 158° F), storage
Relative Humidity
95% @ 40° C (non-condensing), operating
Vibration Resistance
0.3 Gms, IEC 60068-2-64, Random 5-500Hz, 1hr/axis
Software Development Kit
Operating System
Supports Microsoft Windows 7, XP with SP3, XP Embedded, Linux
EWF & WDT SDK
EWF and WDT library for signage stability design in XPE
Linux
Linux Fedora 14
Certification
Electromagnetic
CE/FCC Class A, CCC, BSMI
Safety
UL, CCC, BSMI
*1: CEC pin define reserved in HDMI, need software to enable it
*2: The playback media format is supported by the player software, not provided by Advantech hardware
All product specifications are subject to change without notice
Last updated : 10-Dec-2014


Similar Part No. - ARK-DS520F-N5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS520 ADVANTECH-ARK-DS520 Datasheet
330Kb / 2P
   38 Industrial Stretched Signage Display
26-Jan-2022
More results

Similar Description - ARK-DS520F-N5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220 Datasheet
2Mb / 2P
   OPS ION2-based Digital Signage Platform
ARK-DS303 ADVANTECH-ARK-DS303 Datasheet
432Kb / 2P
   Value Digital Signage Platform
ARK-DS302 ADVANTECH-ARK-DS302 Datasheet
476Kb / 2P
   Compact HD Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
DS-570 ADVANTECH-DS-570 Datasheet
944Kb / 2P
   Intel짰 Celeron짰 N2930/ J1900 Quad-Core??SoC with Advanced (NVIDIA GeForce GT 730M) Graphics Digital Signage Platform
ARK-DS350 ADVANTECH-ARK-DS350 Datasheet
224Kb / 1P
   High Graphic Performance Digital Signage Platform
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
   RISC Based 4K Digital Signage Player
29-Apr-2019
DSA-3010 ADVANTECH-DSA-3010 Datasheet
564Kb / 2P
   Economic Network Signage Platform
ARK-DS220 ADVANTECH-ARK-DS220_14 Datasheet
2Mb / 2P
   ION-2-based OPS Digital Signage Player
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com