Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD113ZT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTD113ZT
Description  NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD113ZT Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTD113ZT_15 Datasheet HTML 1Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 2Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 3Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 4Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 5Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 6Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 7Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 8Page - NXP Semiconductors PDTD113ZT_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PDTD113ZT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2009
2 of 9
NXP Semiconductors
PDTD113ZT
NPN 500 mA resistor-equipped transistor; R1 = 1 k
Ω, R2 = 10 kΩ
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
input (base)
2
GND (emitter)
3
output (collector)
12
3
sym007
3
2
1
R1
R2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PDTD113ZT
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
PDTD113ZT
*7V
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage
positive
-
+10
V
negative
-
−5V
IO
output current
-
500
mA


Similar Part No. - PDTD113ZT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
More results

Similar Description - PDTD113ZT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMN31 NXP-PIMN31 Datasheet
94Kb / 11P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007
logo
Nexperia B.V. All right...
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
logo
NXP Semiconductors
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
logo
Nexperia B.V. All right...
PIMC31 NEXPERIA-PIMC31 Datasheet
228Kb / 14P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
logo
Nexperia B.V. All right...
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com